Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 85 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 81Page - Analog Devices ADPD4100 Datasheet HTML 82Page - Analog Devices ADPD4100 Datasheet HTML 83Page - Analog Devices ADPD4100 Datasheet HTML 84Page - Analog Devices ADPD4100 Datasheet HTML 85Page - Analog Devices ADPD4100 Datasheet HTML 86Page - Analog Devices ADPD4100 Datasheet HTML 87Page - Analog Devices ADPD4100 Datasheet HTML 88Page - Analog Devices ADPD4100 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 85 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
7
HOLD_REGS_H
Prevent Update of Time Slot H data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
6
HOLD_REGS_G
Prevent update of Time Slot G data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
5
HOLD_REGS_F
Prevent update of Time Slot F data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
4
HOLD_REGS_E
Prevent update of Time Slot E data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
3
HOLD_REGS_D
Prevent update of Time Slot D data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
2
HOLD_REGS_C
Prevent update of Time Slot C data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
1
HOLD_REGS_B
Prevent update of Time Slot B data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
0
HOLD_REGS_A
Prevent update of Time Slot A data registers.
0x0
R/W
0: allow data register update.
1: hold current contents of data register.
0x00B6 I2C_KEY
[15:12] I2C_KEY_MATCH
Write the I2C_KEY_MATCH bits to specify which GPIOx pins must
be high to change the slave address. A 0 ignores that specific
GPIO input. A 1 selects which GPIOx must be high to change the
address. Any combination is allowed. Use Bit 12 for GPIO0, Bit 13
for GPIO1, Bit 14 for GPIO2, and Bit 15 for GPIO3.
0x0
R/W
[11:0]
I2C_KEY
I2C address change key. Must write these bits to 0x4AD to change
address. Write these bits at the same time that the I2C_KEY_MATCH
bits are written.
0x0
R0/W
0x00B7 I2C_ADDR
[15:8]
I2C_SLAVE_KEY2 I2C key, Part 2. Must be written to 0xAD immediately following the
write of the I2C_KEY bits. The GPIOx pins as selected in the
I2C_KEY_MATCH bits must also be set high at this time.
0x0
R/W
[7:1]
I2C_SLAVE_ADDR I2C slave address update field. Write the desired 7-bit slave
address along with proper keys to change the I2C slave address.
0x24 R/W
0
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com