Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 11Page - Analog Devices ADPD4100 Datasheet HTML 12Page - Analog Devices ADPD4100 Datasheet HTML 13Page - Analog Devices ADPD4100 Datasheet HTML 14Page - Analog Devices ADPD4100 Datasheet HTML 15Page - Analog Devices ADPD4100 Datasheet HTML 16Page - Analog Devices ADPD4100 Datasheet HTML 17Page - Analog Devices ADPD4100 Datasheet HTML 18Page - Analog Devices ADPD4100 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 15 of 103
THEORY OF OPERATION
INTRODUCTION
The ADPD4100/ADPD4101 operate as a complete multimodal
sensor front end, stimulating up to eight LEDs and measuring
the return signal on up to eight separate current inputs. Twelve
time slots are available, enabling 12 separate measurements per
sampling period. The analog inputs can be driven single-ended
or in differential pairs. The eight analog inputs are multiplexed
into a single channel or two independent channels, enabling
simultaneous sampling of two sensors.
The AFE consists of a TIA, band-pass filter (BPF), integrator,
and analog-to-digital converter (ADC). The digital block
provides multiple operating modes, programmable timing, four
general-purpose input/output (GPIO) pins, block averaging,
and a selectable second- through fourth-order cascaded
integrator comb (CIC) filter. Eight independent LED drivers are
provided that can each drive up to 200 mA. Four LED drivers can
be enabled in any time slot and can be programmed from
1.5 mA to 200 mA monotonically, with a 7-bit register setting.
The LED drivers enabled in any time slot can provide a total
combined maximum of 400 mA of LED current.
The core circuitry provides stimulus to the sensors connected
to the inputs of the device and measures the response, storing
the results in discrete data locations. The eight inputs can drive
two simultaneous input channels, either in a single-ended or
differential configuration. Data is read directly by a register or
through a FIFO method. This highly integrated system includes
an analog signal processing block, digital signal processing block,
an I2C communication interface on the ADPD4101 or an SPI
port on the ADPD4100, programmable pulsed LED current
sources, and pulsed voltage sources for sensors that require
voltage excitation.
When making optical measurements, the ADPD4100/ADPD4101
provide 60 dB of ac ambient light rejection using a synchronous
modulation scheme with pulses as short as 1 μs combined with
a BPF. Ambient light rejection is automatic without the need of
external control loops, dc current subtraction, or digital
algorithms.
The LED driver is a current sink and is independent from the LED
supply voltage and the LED type. The inputs can be connected
to any sensor that provides currents up to 200 μA. The
ADPD4100/ADPD4101 can also interface with voltage output
sensors with a series resistor placed between the sensor output and
the ADPD4100/ADPD4101 inputs to convert the voltage to a
current. The ADPD4100/ADPD4101 produce a high SNR for
relatively low LED power while greatly reducing the effect of
ambient light on the measured signal.
ANALOG SIGNAL PATH
The ADPD4100/ADPD4101 analog signal path consists of eight
current inputs that can be configured as single-ended or
differential pairs into one of two independent channels. The
two channels can be sampled simultaneously for applications
that require instantaneous sampling of two sensors. Each
channel contains a TIA with programmable gain, a BPF with a
high-pass corner at 100 kHz and a low-pass cutoff frequency of
390 kHz, and an integrator capable of integrating ±7.5 pC per
sample. Each channel is time multiplexed into a 14-bit ADC. In
Figure 16, RF is the TIA feedback resistor, and RINT is the series
resistor to the input of the integrator.
TIA
ADC
BPF
RF
6.3pF
6.3pF
TIA
RINT
6.3pF
6.3pF
IN1
IN3
IN2
IN4
IN5
IN7
IN6
IN8
RF
RF
RF
RINT
RINT
RINT
BPF
Figure 16. Analog Signal Path Block Diagram
Analog Input Multiplexer
The ADPD4100/ADPD4101 support eight analog input pins.
Each input can be used as a single-ended input or as part of a
differential pair. Figure 17 shows a single representation of the
input switch matrix, which allows programmable connection to
the two AFE channels. Each pair of inputs has an exact duplicate
of this multiplexer: IN1 and IN2, IN3 and IN4, IN5 and IN6, and
IN7 and IN8. The connections are programmable per time slot.
TIA_VREF
TIA_VREF
IN1
IN2
THERE ARE FOUR
COPIES OF SWITCH MATRIX.
ONE COPY FOR EACH
INPUT PAIR.
TIA
TIA
*ALL BIAS CONNECTIONS SHOWN ARE ONLY AVAILABLE DURING
SLEEP AND PRECONDITIONING PERIODS. THE SWITCHES TO
THESE BIAS LEVEL ARE OPEN DURING TIME SLOTS WITH THE
RESPECTIVE INPUTS SELECTED.
Figure 17. Analog Input Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com