Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 30Page - Analog Devices ADPD4100 Datasheet HTML 31Page - Analog Devices ADPD4100 Datasheet HTML 32Page - Analog Devices ADPD4100 Datasheet HTML 33Page - Analog Devices ADPD4100 Datasheet HTML 34Page - Analog Devices ADPD4100 Datasheet HTML 35Page - Analog Devices ADPD4100 Datasheet HTML 36Page - Analog Devices ADPD4100 Datasheet HTML 37Page - Analog Devices ADPD4100 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 34 of 101
Group
Time Slot A
Register Address1
Bit Field Name
Description
LED Settings
0x0105, Bit 15 and Bit 7;
0x0106, Bit 15 and Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], Bits[6:0];
0x0106, Bits[14:8], Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x0109, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments.
0x0109, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments.
0x010D, Bits[15:12]
LED_DISABLE_x
In any given sequence of four pulses, disable the LED pulse in
the selected position. Selections are active high (that is, disable
LED if 1) and the LSB of this register maps to the first pulse. For
a sequence of four pulses, it is recommended to turn on the
LED in the second and third pulses by writing 0x9 to this
register.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
Float Mode Limitations
When using float mode, the limitations of the mode must be
well understood. For example, a finite amount of charge can
accumulate on the capacitance of the photodiode, and there is a
maximum amount of charge that can be integrated by the
integrator. Based on an initial reverse bias of 215 mV on the
photodiode and assuming that the photodiode begins to
become nonlinear at ~200 mV of forward bias, there is ~450 mV
of headroom for the anode voltage to increase from its starting
point at the beginning of the float time before the charge ceases
to accumulate in a linear fashion. It is desirable to operate only
in the linear region of the photodiode (see Figure 38). To verify
that float mode is operating in the linear region of the
photodiode, the user can perform a simple check. Record data
at a desired float time and then record data at half the float
time. The recommended ratio of the two received signals is 2:1.
If this ratio does not hold true, the photodiode is likely
beginning to forward bias at the longer float time and becomes
nonlinear.
The maximum amount of charge that can be stored on the
photodiode capacitance and remain in the linear operating
region of the sensor is estimated by
Q = CPDV
where:
Q is the integrated charge.
CPD is the capacitance of the photodiode.
V is the amount of voltage change across the photodiode before
the photodiode becomes nonlinear.
For a typical discrete optical design using a 7 mm2 photodiode
with 70 pF capacitance and 450 mV of headroom, the maximum
amount of charge that can store on the photodiode capacitance
is 31.5 pC.
FLOAT TIME (µs)
RECOMMENDED
FLOAT MODE
OPERATING REGION
PD BEGINS TO
FORWARD BIAS
Figure 38. Integrated Charge on the Photodiode (PD) vs. Float Time
In addition, consider the maximum amount of charge the
integrator of the ADPD4100/ADPD4101 can integrate. The
integrator can integrate up to 7.6 pC. When this charge is referred
back to the input, consider the TIA gain. When the TIA gain is
at 200 kΩ, the input referred charge is at a 1:1 ratio to the
integrated charge on the integrator. For 100 kΩ gain, it is 2:1.
For 50 kΩ gain, it is 4:1. For 25 kΩ gain, it is 8:1. For the previous
example using a photodiode with 70 pF capacitance, use a 50 kΩ
TIA gain and set the float timing such that, for a single pulse, the
output of the ADC is at 70% of full scale, which is a typical
operating condition. Under these operating conditions, the
integrator integrates 5.3 pC per pulse for 21.2 pC of charge
accumulated on the photodiode capacitance. The amount of
time to accumulate charge on CPD is inversely proportional to
CTR. TIA gain settings of 100 kΩ or 200 kΩ may be required
based on the CTR of the measurement and how much charge
can be accumulated in a given amount of time. Ultimately, the
type of measurement being made (ambient or pulsed LED), the
photodiode capacitance, and the CTR of the system determine
the float times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com