Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 12Page - Analog Devices ADPD4100 Datasheet HTML 13Page - Analog Devices ADPD4100 Datasheet HTML 14Page - Analog Devices ADPD4100 Datasheet HTML 15Page - Analog Devices ADPD4100 Datasheet HTML 16Page - Analog Devices ADPD4100 Datasheet HTML 17Page - Analog Devices ADPD4100 Datasheet HTML 18Page - Analog Devices ADPD4100 Datasheet HTML 19Page - Analog Devices ADPD4100 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 16 of 101
The PAIR12, PAIR34, PAIR56, and PAIR78 bits select whether
the matching input pair is used as two single-ended inputs or as
a differential pair. This selection is valid for all active time slots.
The INP12_x, INP34_x, INP56_x, and INP78_x bits specify
whether the input pair is enabled during the corresponding
time slot and, if enabled, which input is connected to which
AFE channel.
The sleep conditions are used for any inputs that are not enabled.
Sleep conditions are determined by the INP_SLEEP_12,
INP_SLEEP_34, INP_SLEEP_56, and INP_SLEEP_78 bits,
which specify the state for the input pairs during sleep and
when the inputs are not active. Inputs are only considered active
during the precondition and pulse regions for time slots where
they are enabled.
Preconditioning of the sensor connected to the input is provided to
set the operating point at the input just prior to sampling. There
are several different options for preconditioning determined by
the PRECON_x bits. The PRECON_x bits are provided for each
time slot to specify the precondition for enabled inputs or input
pairs during the corresponding time slot. Preconditioning options
include: float the input(s), VC1, VC2, input common-mode
voltage (VICM), TIA_VREF, TIA input, and short the input pair.
The preconditioning time at the start of each time slot is
programmable using the PRE_WIDTH_x bits. The default
preconditioning period is 8 µs.
The block diagram in Figure 17 shows all the bias levels that can
be switched into the input connections during sleep and
preconditioning. These connections are not available during the
sampling phase of a time slot in which the input is selected.
Second AFE Channel
The second AFE channel is disabled by default. When disabled,
the three amplifiers (TIA, BPF, and integrator) are automatically
powered down, and no ADC cycles occur for the second
channel. Digital integration and impulse response mode do not
use the second channel.
The second AFE channel can be enabled with the CH2_EN_x
bits on a per time slot basis. When the second channel is
enabled, ADC conversions and the datapath bits of the second
channel operate. When data is being written to the FIFO, the
Channel 2 data is written after the Channel 1 data.
Channel 2 TIA gain, integrator resistor, and buffer gain (when
in digital integrate or TIA ADC mode) are set separately from
Channel 1.
LED DRIVERS
The ADPD4100/ADPD4101 have four LED drivers, each of
which is brought out to two LED driver outputs providing a
total of eight LED output drivers. The device can drive up to four
LEDs simultaneously, one from each driver pair. The LED output
driver is a current sink. Figure 18 shows an example of a single
LED driver output pair.
LED_CURRENTx_x
LED_DRIVESIDEx_x
LEDxA
LEDxB
VLED1
CVLED
VLED2
CVLED
NOTES
CVLED IS THE BYPASS CAPACITOR.
Figure 18. Block Diagram of LED Driver Output Pair
The LED driver output pins (LED1A, LED1B, LED2A, LED2B,
LED3A, LED3B, LED4A, and LED4B) have a maximum
allowable pin voltage of 3.6 V. Any voltage exposure over this
rating affects the reliability of the device operation and, in
certain circumstances, causes the device to cease proper
operation. The voltage of the LED driver output pins must not
be confused with the supply voltages for the LED themselves.
VLEDx is the voltage applied to the anode of the external LED
whereas the LED output driver pin is connected to the cathode
of the external LED. The compliance voltage is the amount of
headroom voltage at the LED driver pin, measured with respect
to ground, required to maintain the programmed LED current
level and is a function of the current required. Figure 6 shows
the typical compliance voltages required at various LED current
settings for LED driver LED1A, and Figure 19 shows the typical
compliance voltages for all the LED drivers at the maximum LED
current setting. Due to internal layout of the LED driver circuitry,
some drivers output more or less current than others at any
given setting. Typically, the LED1A and LED1B drivers are ~3%
higher than the LED4A and LED4B drivers, respectively, with
the 2× and 3× drivers falling somewhere in between. Also, the
LEDxA drivers are ~3% higher than the LEDxB driver of the
same number.
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0
0.2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LED DRIVER VOLTAGE (V)
LED1A
LED1B
LED2A
LED2B
LED3A
LED3B
LED4A
LED4B
Figure 19. LED Driver Current vs. LED Driver Voltage for LED Drivers (LEDxA,
LEDxB) for LED_CURRENTx_x = 0x7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com