Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 34Page - Analog Devices ADPD4100 Datasheet HTML 35Page - Analog Devices ADPD4100 Datasheet HTML 36Page - Analog Devices ADPD4100 Datasheet HTML 37Page - Analog Devices ADPD4100 Datasheet HTML 38Page - Analog Devices ADPD4100 Datasheet HTML 39Page - Analog Devices ADPD4100 Datasheet HTML 40Page - Analog Devices ADPD4100 Datasheet HTML 41Page - Analog Devices ADPD4100 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 38 of 101
Group
Time Slot A Register Address1
Bit Field Name
Description
Self Capacitance-Based
Proximity Timing
0x010C, Bits[7:0]
MOD_OFFSET_x
Sets start time of first modulation pulse in 1 μs
increments. Typical value of 16 μs.
0x010C, Bits[15:8]
MOD_WIDTH_x
Sets width of modulation pulse in 1 μs
increments. Typical value of 6 μs.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Typical value of 10 μs .
0x010A, Bits[10:8], Bits[14:12]
CHx_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down BPF for
Channel 1, Bit 13 to 1 to power down BPF for
Channel 2 if Channel 2 is enabled.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time. Set to typical
value of 9 μs and then sweep INTEG_OFFSET_x,
Bits[4:0] in 31.25 ns steps to find optimal
operating point.
0x0107, Bits[15:8]
NUM_INT_x
Set to 1 for a single integration per ADC
conversion
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats. SNR increases as
√n, where n = NUM_REPEAT_x × NUM_INT_x.
0x0108, Bits[13:12]
MOD_TYPE_x
Set to 0x0 for continuous TIA connection.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
Multiple Integration Mode
Multiple integration mode provides multiple analog
integrations of incoming charge per ADC conversion. This
mode is most useful when there is a small response that uses a
small amount of the available dynamic range per stimuli event.
Multiple integration mode allows multiple integrations of
charge prior to an ADC conversion so that a larger amount of
the available dynamic range of the integrator is utilized.
Figure 44 shows multiple integration mode using the LED as
the stimulus. The number of LED pulses and subsequent
integrations of charge from the photodiode response is
determined by the setting of the NUM_INT_x bits. Following
the final integration, there is a single ADC conversion. This
process is repeated NUM_REPEAT_x times.
Prior to setting the number of integrations using the NUM_INT_x
bits, set the TIA gain to 200 kΩ and determine the optimal LED
current setting, which is close to the maximum current. When
the TIA gain and LED current are set, measure how much of the
integrator dynamic range is used to integrate the charge created
by a single LED pulse. If the amount of integrator dynamic range
used for a single pulse is less than half the available dynamic
range, it may be desirable to use multiple integrations prior to
an ADC conversion. For example, if the amount of integrator
dynamic range used for a single pulse is 1/8 of the available
dynamic range, set NUM_INT_x to 0x6 to use six pulses and
integrations, using most of the available dynamic range (75%)
per ADC conversion while leaving 25% of headroom for margin
so that the integrator does not saturate as the input level varies.
As each pulse is applied to the LED, the charge from the
response is integrated and held. The charge from the response
to each subsequent pulse is added to the previous total
integrated charge, as shown in Figure 44, until NUM_INT_x
integrations is reached.
In multiple integration mode, the minimum period is
automatically calculated. In the example shown, the minimum
period is calculated at 2 × INTEG_WIDTH_x so that
subsequent pulses occur immediately following the completion
of the previous integration. Extra time is automatically added to
accommodate the ADC conversions at the end of NUM_INT_x
integrations.
Use NUM_REPEAT_x to increase the iterations to improve the
overall SNR. The entire multiple integration per ADC conversion
process repeats NUM_REPEAT_x number of times. Increasing
NUM_REPEAT_x serves the same purpose as multiple pulses
in continuous connect mode, where n pulses improve the SNR
by √n. In multiple integration mode, the SNR increases by √n,
where n = NUM_REPEAT_x. The total number of LED pulses
in this mode is equal to NUM_INT_x × NUM_REPEAT_x.
Integrator chop mode is recommended for multiple integration
mode for optimal SNR performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com