Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 5 Page - Analog Devices

  ADPD4100 Datasheet HTML 1Page - Analog Devices ADPD4100 Datasheet HTML 2Page - Analog Devices ADPD4100 Datasheet HTML 3Page - Analog Devices ADPD4100 Datasheet HTML 4Page - Analog Devices ADPD4100 Datasheet HTML 5Page - Analog Devices ADPD4100 Datasheet HTML 6Page - Analog Devices ADPD4100 Datasheet HTML 7Page - Analog Devices ADPD4100 Datasheet HTML 8Page - Analog Devices ADPD4100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 5 of 101
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PULSED SIGNAL CONVERSIONS, 2 μs LED
PULSE
3 μs integration width, continuous connect mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
8.2
nA/LSB
25 kΩ
4.1
nA/LSB
50 kΩ
2.04
nA/LSB
100 kΩ
1.02
nA/LSB
200 kΩ
0.51
nA/LSB
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
67
μA
25 kΩ
33
μA
50 kΩ
16.7
μA
100 kΩ
8.37
μA
200 kΩ
4.19
μA
FULL SIGNAL CONVERSIONS
TIA Linear Dynamic Range (per Channel)
Total input current, 1% compression point, TIA_VREF = 1.265 V
12.5 kΩ
72
μA
25 kΩ
38
μA
50 kΩ
18.7
μA
100 kΩ
9.3
μA
200 kΩ
4.6
μA
SYSTEM PERFORMANCE
Referred to Input Noise
Continuous connect mode, single pulse, single channel,
floating input, TIA_VREF = 1.265 V, 3 μs integration time
12.5 kΩ TIA gain
8.2
nA rms
25 kΩ TIA gain
4.1
nA rms
50 kΩ TIA gain
2.2
nA rms
100 kΩ TIA gain
1.2
nA rms
200 kΩ TIA gain
0.61
nA rms
Referred to Input Noise
Continuous connect mode, single pulse, single channel, 90%
full-scale input signal, no ambient light, TIA_VREF = 1.265 V,
VCx = TIA_VREF + 215 mV, 2 μs LED pulse, photodiode
capacitance (CPD) = 70 pF, input resistor = 500 Ω
12.5 kΩ TIA gain
10.3
nA rms
25 kΩ TIA gain
5.3
nA rms
50 kΩ TIA gain
2.7
nA rms
100 kΩ TIA gain
1.5
nA rms
200 kΩ TIA gain
0.97
nA rms
SNR
12.5 kΩ TIA gain, single pulse
76
dB
25 kΩ TIA gain, single pulse
76
dB
50 kΩ TIA gain, single pulse
75
dB
100 kΩ TIA gain, single pulse
74
dB
200 kΩ TIA gain, single pulse
72
dB
100 kΩ TIA gain, 100 Hz ODR, 80 pulses, CPD = 70 pF, 0.5 Hz to
20 Hz bandwidth, transmit and receive signal chain
100
dB
AC Ambient Light Rejection
DC to 1 kHz, linear range of TIA, TIA gain = 25 kΩ, 50 kΩ,
100 kΩ, 200 kΩ
60
dB
DC to 1 kHz, linear range of TIA, TIA gain = 12.5 kΩ
55
dB
DC Power Supply Rejection Ratio (PSRR)
At 75% full scale input
50
dB
1
ADC resolution is listed per pulse. If using multiple pulses, divide by the number of pulses.
2
ADC saturation level applies to pulsed signal only, because ambient signal is rejected prior to ADC conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com