Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 24 of 61
1k
10k
100k
1M
10M
100M
–160
–140
–120
–100
–80
–60
–40
OFFSET FREQUENCY (Hz)
Figure 66. VCO_3 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_3 = 1.6 GHz, Divide by Two Selected, VCOVTUNE = 1.5 V
1k
10k
100k
1M
10M
100M
–180
–160
–140
–120
–100
–80
–60
0
–20
–40
OFFSET FREQUENCY (Hz)
Figure 67. VCO_4 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_4 = 3.087 GHz, Divide by One Selected, VCOVTUNE = 1.5 V
1k
10k
100k
1M
10M
100M
–180
–160
–140
–120
–100
–80
–60
0
–20
–40
OFFSET FREQUENCY (Hz)
Figure 68. VCO_5 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_5 = 3.375 GHz, Divide by One Selected, VCOVTUNE = 1.5 V
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
LO_DIV = ÷2
LO_DIV = ÷4
LO_DIV = ÷8
Figure 69. VCO_3 Closed-Loop Phase Noise for Various LO_DIV Dividers vs.
Offset Frequency, fVCO_3 = 3.2 GHz
–180
–160
–170
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 70. VCO_4 Closed-Loop Phase Noise for Various Temperatures vs.
Offset Frequency, fVCO_4 = 1.536 GHz, Divide by Two Selected
–180
–160
–170
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 71. VCO_5 Closed-Loop Phase Noise for Various Temperatures vs.
Offset Frequency, fVCO_5 = 1.688 GHz, Divide by Two Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com