Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 30 of 61
0
0.5
1.0
1.5
2.0
2.5
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
+85°C
–40°C
Figure 102. VCO Tuning Voltage (VTUNE) vs. LO Frequency for Lock at Cold
Drift to Hot
0
0.5
1.0
1.5
2.0
2.5
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
+85°C
–40°C
Figure 103. VTUNE vs. LO Frequency for Lock at Hot Drift to Cold
–140
–130
–120
–110
–100
–90
–80
–70
–60
–100
–80
–60
–40
–20
0
20
40
60
80
100
OFFSET FREQUENCY (MHz)
3.18GHz
3.81GHz
4.45GHz
5.08GHz
Figure 104. PFD Spurs vs. Offset Frequency for Four VCOs, Integer Mode
0
0.5
1.0
1.5
2.0
3.5
3.0
2.5
LO FREQUENCY (MHz)
+85°C
–40°C
1525
1530
1535
1540
1545
Figure 105. VCO_4 VTUNE vs. LO Frequency for Lock at Hot Drift to Cold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com