Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 48 of 61
Address: 0x21, Reset: 0x0003, Name: PFD_CTRL1
Table 34. Bit Descriptions for PFD_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
15
UNUSED
Unused.
0x0
RW
[14:13]
REF_MUX_SEL
Reference output divide ratio/VPTAT/SCAN/LOCK_DET.
0x0
RW
000
LOCK_DET.
001
VPTAT.
010
REFCLK.
011
REFCLK/2.
100
REFCLK × 2.
101
REFCLK/8.
110
REFCLK/4.
111
SCAN.
12
PFD_POLARITY
PFD polarity.
0x0
RW
0
Positive.
1
Negative.
[11:0]
REFSEL
Reference input divide ratio.
0x3
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com