Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 37 of 61
EXTVCOIN+
EXTVCOIN–
DECL3
VCC2
VCC3
VCC6
VCC4
VCC5
RFBCT2
RFIN2
VCC8
RFBCT1
RFIN1
LDO3
SPI
CONTROL
DIVIDE BY
1 TO 32
PLL
CHARGE PUMP
3.3V LDO
VCO
LDO
SPI
2.5V
LDO
LO DIV
3.3V
LDO
VCO
VCO
VCO
4
5
9
10
11
12
15
14
13
16
17
18
19
22 23
40
21
39 38
41
20
42
43
47
37
2
44
45
46
27
28
29
25
26
30
35
36
32
34
VCC7 31
3
6
24
1
48
33
INT
N-DIVIDER
2.5V
LDO
7
N-DIVIDER
REFIN
DIVIDER
PFD
LOCK
DETECT
VPTAT
SCAN
EXPOSED
PAD
VCO
BUFFER
LDO
VCO BAND
SWITCH LDO
VCC1
DECL4
DECL5
LDO4
8
Figure 110. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com