Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 6 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
10 MHz offset
−157
dBc/Hz
40 MHz offset
−157.5
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.27
°rms
1
The FOM is computed as phase noise (dBc/Hz) –10log10(fPFD) – 20log10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 122.88 MHz and fREF power =
6.5 dBm with a 1.536 MHz fPFD. The FOM was computed at 50 kHz offset.
High performance mode, TA = 25°C, measured on LO output, fLO = 1700 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fPFD = 30.72 MHz, fREF power =
4 dBm, CSCALE = 250 µA, bleed = 93.75 µA, ABLDLY = 0 ns, fractional mode loop filter, unless otherwise noted.
Table 4. Fractional Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to 1 × LO
FOM1
PREFIN = 6.5 dBm
219
dBc/Hz/Hz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
VCO_0
Phase Noise, Locked
fLO = 2.55 GHz
1 kHz offset
−92.5
dBc/Hz
50 kHz offset
−97.4
dBc/Hz
100 kHz offset
−109.7
dBc/Hz
1 MHz offset
−137.6
dBc/Hz
10 MHz offset
−153.6
dBc/Hz
40 MHz offset
−155.5
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.36
°rms
VCO_1
Phase Noise, Locked
fLO = 2.22 GHz
1 kHz offset
−93.6
dBc/Hz
50 kHz offset
−101.8
dBc/Hz
100 kHz offset
−112.5
dBc/Hz
1 MHz offset
−140.5
dBc/Hz
10 MHz offset
−154.3
dBc/Hz
40 MHz offset
−155.3
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.32
°rms
VCO_2
Phase Noise, Locked
fLO = 1.9 GHz
1 kHz offset
−94.2
dBc/Hz
50 kHz offset
−101.7
dBc/Hz
100 kHz offset
−112.4
dBc/Hz
1 MHz offset
−141.3
dBc/Hz
10 MHz offset
−155.8
dBc/Hz
40 MHz offset
−156.8
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.32
°rms
VCO_3
Phase Noise, Locked
fLO = 1.6 GHz
1 kHz offset
−93.1
dBc/Hz
50 kHz offset
−99.8
dBc/Hz
100 kHz offset
−110.9
dBc/Hz
1 MHz offset
−140.2
dBc/Hz
10 MHz offset
−155.7
dBc/Hz
40 MHz offset
−157.2
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.33
°rms
1
The FOM is computed as phase noise (dBc/Hz) − 10log10(fPFD) – 20log10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 122.88 MHz and fREF power =
6.5 dBm with a 30.72 MHz fPFD. The FOM was computed at 45 kHz offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com