Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 43 of 61
GSM MODE OF OPERATION
The ADRF6614 supports GSM phase noise specifications in
typical GSM bands such as the 800 MHz, 900 MHz, 1800 MHz,
and 1900 MHz. GSM phase noise performance in the 800 MHz
and 900 MHz bands is met by simply tuning the integrated
PLLVCO to the desired frequency.
Integrated VCO cores (VCO_4 and VCO_5) support GSM phase
noise performance in the 1800 MHz and 1900 MHz GSM bands.
To ensure that GSM phase noise performance is achieved when
using the ADRF6614 in 1800 MHz or 1900 MHz bands, select
the VCO_4 core by writing the VCO_SEL bits in the VCO_
CTRL1 register (Register 0x22, Bits[2:0]) for a frequency range
of 1.525 GHz to 1.547 GHz, and the VCO_5 core for a frequency
range of 1.668 GHz to 1.708 GHz.
The VCO_4 and VCO_5 cores operate at fundamental frequencies
of 3.050 GHz to 3.094 GHz and 3.336 GHz to 3.416 GHz, respec-
tively. To generate the desired LO frequency in the 1800 MHz
and 1900 MHz bands, enable divide by 2 by writing to LO_DIV
(Register 0x22, Bits[5:3]).
For the GSM mode of operation, the recommended loop filter
components and dynamic loop settings are shown in Table 19 at
the PFD rate of 1.536 MHz.
See Figure 118 for the GSM mode phase noise performance
of −145 dBc/Hz at 800 kHz offset at the carrier frequency of
1.535 GHz.
When using the VCO_4 or VCO_5 cores, it is required to
set VTUNE_DAC_SLOPE (Register 0x49, Bits[13:9]) = 9d,
VTUNE_DAC_OFFSET (Register 0x49, Bits[8:0]) = 171d,
VCO_LDO_R2 (Register 0x22, Bits[11:8]) = 2d, and VCO_
LDO_R4 (Register 0x22, Bits[15:12]) = 10d. In transitioning
from a GSM VCO (VCO_4 and VCO_5) to an octave VCO, the
LDO settings must be changed before changing the VCO
selection.
–180
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1
2
3
4
5
6
7
8
9
10
1: 1kHz
–88.8656dBc/Hz
2: 10kHz
–91.0102dBc/Hz
3: 50kHz
–111.8226dBc/Hz
4: 100kHz
–121.2806dBc/Hz
5: 500kHz
–141.0461dBc/Hz
6: 800kHz
–145.2453dBc/Hz
7: 1MHz
–148.3557dBc/Hz
8: 10MHz
–158.4950dBc/Hz
9: 40MHz
–158.6742dBc/Hz
10: 100MHz –157.3591dBc/Hz
START: 500Hz
STOP: 20MHz
CENTER: 10.00025MHz
SPAN: 19.9995MHz
INTG NOISE: –47.5392dBc/19.7MHz
RMS NOISE: 5.93684 mrad
340.156mdeg
RMS JITTER: 615.168fs
RESIDUAL FM: 866.159Hz
Figure 118. GSM Phase Noise Performance at 1.535 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com