Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 45 of 61
REGISTER DETAILS
Address: 0x00, Reset: 0x0000, Name: SOFT_RESET
Table 27. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
SOFT_RESET
Soft reset bit.
0x0
R
0
Any write to this register asserts a soft reset command.
0x0
R
Address: 0x01, Reset: 0x0000, Name: ENABLES
Table 28. Bit Descriptions for ENABLES
Bits
Bit Name
Settings
Description
Reset
Access
15
LO_LDO_EN
Power up LO LDO.
0x0
RW
14
LO2_ENP
LO 2 enable.
0x0
RW
13
BALUN_EN
Input balun enable.
0x0
RW
12
LO1_ENP
LO 1 enable.
0x0
RW
11
DIV2P5_EN
Enable dividers 2.5 V LDO.
0x0
RW
[10:9]
PWRUPRX
Power up Rx.
0x0
RW
0x0
Power down both mixer channels.
0x1
Power up mixer Channel 1.
0x2
Power up mixer Channel 2.
0x3
Power up both mixer channels.
8
LO_PATH_EN
External LO path enable.
0x0
RW
7
LO_DRV_EN
LO driver enable.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com