Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 14 of 61
1.5
1.7
1.9
2.1
2.3
2.5
2.7
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 10. Power Dissipation vs. Temperature for Three RF Frequencies
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 11. Power Conversion Gain vs. Temperature for Three RF Frequencies
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 12. Input IP3 vs. Temperature for Three RF Frequencies
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
70
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 13. Input IP2 vs. Temperature for Three RF Frequencies
TEMPERATURE (°C)
5
6
7
8
9
10
11
12
13
14
15
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2700MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2700MHz, HIGH-SIDE LO
Figure 14. Input P1dB vs. Temperature for Three RF Frequencies
8
9
10
11
12
13
14
15
16
17
18
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 15. SSB Noise Figure vs. Temperature for Three RF Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com