Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 38 of 61
APPLICATIONS INFORMATION
The ADRF6614 mixer is designed to downconvert radio
frequencies (RF) primarily between 700 MHz and 3000 MHz to
lower intermediate frequencies (IF) between 40 MHz to 500 MHz.
Figure 111 depicts the basic connections of the mixer. It is
recommended to ac couple the RF and LO input ports to
prevent nonzero dc voltages from damaging the RF balun or LO
input circuit. A RFIN capacitor value of 22 pF is recommended.
EXTVCOIN+
EXTVCOIN–
DECL3
VCC2
VCC3
VCC6
VCC4
VCC5
RFBCT2
RFIN2
VCC8
RFBCT1
RFIN1
LDO3
SPI
CONTROL
DIVIDE BY
1 TO 32
PLL
CHARGE PUMP
3.3V LDO
VCO
LDO
SPI
2.5V
LDO
LO DIV
3.3V
LDO
VCO
VCO
VCO
4
5
9
10
11
12
15
14
13
16
17
18
19
22 23
40
21
39 38
41
20
42
43
47
37
2
44
45
46
27
28
29
25
26
30
35
36
32
34
VCC7
31
3
6
24
GND
1
48
33
INT
N-DIVIDER
2.5V
LDO
7
N-DIVIDER
REFIN
DIVIDER
PFD
LOCK
DETECT
VPTAT
SCAN
10µF
(0603)
0.1µF
(0402)
6.8pF
(0402)
22pF
(0402)
2700pF
(0402)
3.16kΩ
(0402)
10kΩ
(0402)
10kΩ
(0402)
22pF
(0402)
+5V
150pF
(0402)
150pF
(0402)
150pF
(0402)
330nH
330nH
RFIN1
RFIN2
IFOUT1
REFIN
1000pF
(0402)
50Ω
(0402)
100pF
(0402)
LOIN
100pF
(0402)
100pF
(0402)
EXPOSED
PAD
VCO
BUFFER
LDO
VCO BAND
SWITCH LDO
22pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10µF
(0603)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
10µF
(0603)
10µF
(0603)
10µF
(0603)
10µF
(0603)
10µF
(0603)
10nF
(0603)
10nF
(0603)
10µF
(0603)
10µF
(0603)
10µF
(0603)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
VCC1
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
100pF
(0402)
100pF
(0402)
DECL4
100pF
(0402)
DECL5
100pF
(0402)
LDO4
100pF
(0402)
10pF
(0402)
10pF
(0402)
10pF
(0402)
100pF
(0402)
100pF
(0402)
100pF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
8
+5V
150pF
(0402)
150pF
(0402)
150pF
(0402)
330nH
330nH
IFOUT2
LOOUT
22pF
(0402)
Figure 111. Basic Connections Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com