Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 35 of 61
In-band (within the band of the loop filter) phase noise perfor-
mance is typically limited by the reference source. Due to the
inherent phase noise reduction when performing frequency
division, improved in-band phase noise performance can be
achieved with higher reference divide values. However, the
divide chain adds its own small amount of phase noise; thus,
there is a limit on how much improvement can be gained by
increasing the divider value.
Loop Filters
Defining a loop filter for the ADRF6614 depends on several
dynamic: the PLL REFIN and PFD frequency and desired PFD
and fractional spur levels. Higher reference and PFD frequencies
spread the PFD spurs over a wider bandwidth (wider separation
between spurs), but also lead to higher levels of spurs coupling
through the reference divider chain. Lower reference and PFD
frequencies lower the spacing between PFD spurs, but the spur
levels can be significantly improved by using lower frequencies.
At lower PFD frequencies, it may also be possible to achieve the
desired synthesizer frequency step size using the integer divider
mode, therefore eliminating the risk of fractional spurs. Table 17
shows the recommended loop filter components and dynamic
loop settings when using integer mode and PFD frequencies at
less than 10 MHz.
Table 17. Integer Mode Loop Filter Components and PLL
Dynamic Settings
Loop Filter Components
PLL Dynamic Settings
C18
1500 pF
R7
910 Ω
C20
33 nF
R8
1.8 kΩ
C22
560 pF
R10
20 kΩ
C23
39 pF
CSCALE
8000 µA
Bleed Current
0 µA
ABLDLY
0.9 ns
If a smaller frequency step size is desired, the ADRF6614 can be
used in fractional mode. The 16-bit FRAC_DIV and MOD_DIV
values available in the ADRF6614 mean that small step sizes
can be achieved with high PFD frequencies. PFD spurs may be
higher in amplitude, but are spaced further apart. Fractional
spurs may be present as well.
Table 18. Fractional Mode Loop Filter Components and PLL
Dynamic Settings
Loop Filter Components
PLL Dynamic Settings
C18
1000 pF
R7
700 Ω
C20
33 nF
R8
1.8 kΩ
C22
560 pF
R10
20 kΩ
C23
39 pF
CSCALE
500 µA
Bleed Current
93.75 µA
ABLDLY
0 ns
For GSM mode of operation at the PFD rate of 1.536 MHz, the
recommended loop filter components and dynamic loop
settings are shown in Table 19.
Table 19. GSM Mode Loop Filter Components and PLL
Dynamic Settings
Loop Filter Components
PLL Dynamic Settings
C18
2200 pF
R7
1.2 kΩ
C20
47 nF
R8
1 kΩ
C22
1200 pF
R10
6.2 kΩ
C23
330 pF
CSCALE
8 mA
Bleed Current
0 µA
ABLDLY
0.9 ns
VCOs and Dividers
The ADRF6614 has six internal VCOs. Considering the range of
these VCOs, the fixed 2× prescaler after the VCO, and the LO_DIV
(1, 2, 4, 8, 16, and 32) range, the total LO range allows an RF
generation of 200 MHz to 2700 MHz.
Table 20. VCO Range
VCO_SEL (Register 0x22, Bits[2:0])
Frequency Range (GHz)
000
4.6 to 5.7
001
4.02 to 4.6
010
3.5 to 4.02
011
2.85 to 3.5
100
3.050 to 3.094
101
3.336 to 3.416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com