Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 49 of 61
Address: 0x22, Reset: 0x000A, Name: VCO_CTRL1
Table 35. Bit Descriptions for VCO_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
VCO_LDO_R4
VCO LDO R4 resistor control setting.
0x0
RW
[11:8]
VCO_LDO_R2
VCO LDO R2 resistor control setting.
0x0
RW
[7:6]
LO_DRV_LVL
External LO amplitude.
0x0
RW
00
−0.8 dBm/15 mA.
01
4.6 dBm/28 mA.
10
7.5 dBm/40 mA.
11
9.2 dBm/49 mA.
[5:3]
LO_DIV
LO divider.
0x1
RW
00
Divide by 1.
01
Divide by 2.
10
Divide by 4.
11
Divide by 8.
[2:0]
VCO_SEL
Select VCO core/external LO.
0x2
RW
000
VCO_0 4.6 GHz to 5.7 GHz.
001
VCO_1 4.02 GHz to 4.6 GHz.
010
VCO_2 3.5 GHz to 4.02 GHz.
011
VCO_3 2.85 GHz to 3.5 GHz.
100
VCO_4 3.050 GHz to 3.094 GHz
101
VCO_5 3.336 GHz to 3.416 GHz
110
External LO/VCO.
111
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com