Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 41 of 61
0
5
10
15
20
25
30
35
0
2
4
6
8
IFA_MAINBIAS
10
12
14
16
IFA_LINBIAS = 0
IFA_LINBIAS = 1
IFA_LINBIAS = 2
IFA_LINBIAS = 3
IFA_LINBIAS = 4
IFA_LINBIAS = 5
IFA_LINBIAS = 6
IFA_LINBIAS = 7
IFA_LINBIAS = 8
IFA_LINBIAS = 9
IFA_LINBIAS = 10
IFA_LINBIAS = 11
IFA_LINBIAS = 12
IFA_LINBIAS = 13
IFA_LINBIAS = 14
Figure 117. IIP3 vs. Main Bias (IFA_MAINBIAS) and Linearity Bias
(IFA_LINBIAS) Level at IF Frequency = 200 MHz
VGS PROGRAMMING
The ADRF6614 allows programmability for internal gate-to-
source voltages (VGS) for optimizing mixer performance over
the desired frequency bands. The ADRF6614 default VGS
setting is 0. Both channels of the ADRF6614 are programmed
together using the same VGS setting. Power conversion gain,
input IP3, input P1dB, and SSB noise figure can be optimized,
as shown in Figure 40, Figure 41, Figure 43, and Figure 44,
respectively.
LOW-PASS FILTER PROGRAMMING
The ADRF6614 allows programmability for the low-pass filter
terminating the mixer output. This filter blocks sum term mixing
products at the expense of some noise figure and gain and can
significantly increase input IP3. The ADRF6614 default LPF setting
is 0. Both channels of the ADRF6614 are programmed together
using the same LPF settings. Power conversion gain, input P1dB,
input IP3, and SSB noise figure can be optimized as shown in
Figure 42, Figure 45, Figure 46, and Figure 49, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com