Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 42 of 61
Table 24. Recommended Optimum Settings for High Performance Mode (in Decimal)
RF Frequency (MHz)
LO Frequency (MHz)
IFA_MAINBIAS
IFA_LINBIAS
BAL_COUT
LPF
VGS
700
497
5
11
14
4
0
800
597
5
11
14
4
0
900
697
5
11
10
4
0
1000
797
5
11
10
4
0
1100
897
5
15
10
4
0
1200
997
5
15
10
4
0
1300
1097
5
15
10
4
0
1400
1197
5
15
6
4
0
1500
1297
5
15
6
4
0
1600
1397
5
15
4
4
0
1700
1497
5
15
4
4
0
1800
1597
5
15
4
4
0
1900
1697
5
15
4
4
0
2000
1797
5
15
4
4
0
2100
1897
5
15
4
4
0
2200
1997
5
15
4
4
0
2300
2097
5
15
2
4
0
2400
2197
5
15
2
4
0
2500
2297
5
15
2
4
0
2600
2397
5
15
2
4
0
2700
2497
5
15
2
4
0
2800
2597
5
15
2
4
0
2900
2697
5
15
0
4
0
3000
2797
5
15
0
4
0
Table 25. Recommended Optimum Settings for High Efficiency Mode (in Decimal)
RF Frequency (MHz)
LO Frequency (MHz)
IFA_MAINBIAS
IFA_LINBIAS
BAL_COUT
LPF
VGS
700
497
5
15
14
4
0
800
597
5
15
14
4
0
900
697
5
15
10
4
0
1000
797
5
15
10
4
0
1100
897
5
15
10
4
0
1200
997
5
15
10
4
0
1300
1097
5
15
10
4
0
1400
1197
7
15
6
4
0
1500
1297
7
15
6
4
0
1600
1397
7
15
4
4
0
1700
1497
7
15
4
4
0
1800
1597
7
15
4
4
0
1900
1697
7
15
4
4
0
2000
1797
7
15
4
4
0
2100
1897
7
15
4
4
0
2200
1997
7
15
4
4
0
2300
2097
13
15
2
4
0
2400
2197
13
15
2
4
0
2500
2297
13
15
2
4
0
2600
2397
13
15
2
4
0
2700
2497
13
15
2
4
0
2800
2597
13
15
2
4
0
2900
2697
13
15
0
4
0
3000
2797
13
15
0
4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com