Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 46 of 61
Bits
Bit Name
Settings
Description
Reset
Access
6
VCOBUF_LDO_EN
VCO buffer LDO enable.
0x0
RW
5
REF_BUF_EN
Reference buffer enable.
0x0
RW
4
VCO_EN
Power up VCOs.
0x0
RW
3
DIV_EN
Power up dividers.
0x0
RW
2
CP_EN
Power up charge pump.
0x0
RW
1
VCO_LDO_EN
Power up VCO LDO.
0x0
RW
0
LDO_3P3_EN
Power up 3.3 V LDO.
0x0
RW
Address: 0x02, Reset: 0x0058, Name: INT_DIV
Table 29. Bit Descriptions for INT_DIV
Bits
Bit Name
Settings
Description
Reset
Access
15
DIV_MODE
Set fractional/integer mode.
0x0
RW
0
Fractional.
1
Integer.
[14:0]
INT_DIV
Set divider INT value.
0x58
RW
Address: 0x03, Reset: 0x0250, Name: FRAC_DIV
Table 30. Bit Descriptions for FRAC_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
FRAC_DIV
Set divider FRAC value.
0x250
RW
Address: 0x04, Reset: 0x0600, Name: MOD_DIV
Table 31. Bit Descriptions for MOD_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
MOD_DIV
Set divider MOD value.
0x600
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com