Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6614ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 4 of 61
TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
Table 2. High Efficiency Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Gain
4:1 IF port transformer and PCB loss removed
8.7
dB
Voltage Conversion Gain
ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω
14.7
dB
SSB Noise Figure
10.7
dB
IIP3
fRF1 = 1900 MHz, fRF2 = 1901 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
20.5
dBm
IIP2
fRF1 = 1900 MHz, fRF2 = 1950 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
53
dBm
Input P1dB
8.2
dBm
LO to IF Output Leakage
Unfiltered IF output
−45.0
dBm
LO to RF Input Leakage
−52.0
dBm
RF to IF Output Isolation
−22.8
dB
IF/2 Spurious
−10 dBm input power
−58
dBc
IF/3 Spurious
−10 dBm input power
−58
dBc
POWER INTERFACE
VCC1, VCC2, VCC7, VCC12
Supply Voltage
3.55
3.7
3.85
V
Quiescent Current
260
mA
VCC3, VCC4, VCC5, VCC6, VCC8, VCC9, VCC10,
VCC11, IFOUT1+, IFOUT1−, IFOUT2+, IFOUT2−
Supply Voltage
3.55
3.7
5.25
V
Quiescent Current
210
mA
SYNTHESIZER/PLL SPECIFICATIONS
High performance mode, TA = 25°C, measured on LO output, fLO = 1700 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fPFD = 1.536 MHz,
fREF power (PREFIN) = 4 dBm, CSCALE = 8 mA, bleed = 0 µA, ABLDLY = 0.9 ns, integer mode loop filter, unless otherwise noted.
Table 3. Integer Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to 1 × LO
Frequency Range (fLO)
Internally generated LO
200
2700
MHz
Figure of Merit (FOM)1
PREFIN = 6.5 dBm
−223
dBc/Hz/Hz
Phase and Frequency Detector (PFD)
Frequency (fPFD)
0.8
70
MHz
Reference Spurs
fPFD = 1.536 MHz
1 × fPFD
−105
dBc
4 × fPFD
−105
dBc
>4 × fPFD
−90
dBc
CHARGE PUMP
Pump Current
Programmable to 250 µA, 500 µA, …, 8 mA
8
8.75
mA
Output Compliance Range
0.7
2.5
V
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
12
320
MHz
REFIN Input Capacitance
4
pF
Reference Divider Value
Programmable to 0.5, 1, 2, 3, …, 2047
0.5
2047
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
MUXOUT Duty Cycle
Reference output selected
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com