Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 21 of 61
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
OFFSET FREQUENCY (MHz)
890MHz +10dBm
1910MHz +10dBm
2510MHz +10dBm
Figure 52. Phase Noise at IF Output vs. Offset Frequency with 10 dBm Blocker
in Integer Mode
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
OFFSET FREQUENCY (MHz)
890MHz +10dBm
1910MHz +10dBm
2510MHz +10dBm
Figure 53. Phase Noise at IF Output vs. Offset Frequency with 10 dBm Blocker
in Fractional Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com