Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 53 of 61
Address: 0x46, Reset: 0x0000, Name: VCO_CTRL3
Table 42. Bit Descriptions for VCO_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
UNUSED
Unused.
0x0
RW
7
VCO_CNTR_DONE
Read back BIST counter status.
0x0
R
[6:0]
VCO_BAND
Read back output of band capacitor mux.
0x0
R
Address: 0x47, Reset: 0x0000, Name: VCO_CNTR_CTRL
Table 43. Bit Descriptions for VCO_CNTR_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
UNUSED
Unused.
0x0
RW
[3:2]
VCO_CNTR_REFCNT
BIST counter integration interval.
0x0
RW
1
VCO_CNTR_CLR
Clear BIST counter.
0x0
RW
0
VCO_CNTR_EN
Enable BIST counter.
0x0
RW
Address: 0x48, Reset: 0x0000, Name: VCO_CNTR_RB
Table 44. Bit Descriptions for VCO_CNTR_RB
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
VCO_CNTR_RB
Read back output of BIST counter.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com