Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 27 of 61
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C
+25°C
+85°C
LO_DIV = ÷8
LO_DIV = ÷2
LO_DIV = ÷4
Figure 84. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency,
Divide by Two, Four, and Eight, Excluding Spurs
0
0.05
0.10
0.15
0.20
0.35
0.30
0.25
0.40
1525
1545
1540
1535
1530
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 85. VCO_4 10 kHz to 40 MHz Integrated Phase Noise vs. VCO
Frequency, For Various Temperatures, Excluding Spurs
0
0.05
0.10
0.15
0.20
0.35
0.30
0.25
0.45
0.40
1668
1708
1703
1698
1693
1688
1683
1678
1673
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 86. VCO_5 10 kHz to 40 MHz Integrated Phase Noise vs. VCO
Frequency, For Various Temperatures, Including Spurs
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = ÷8
+25°C LO_DIV = ÷8
+85°C LO_DIV = ÷8
–40°C LO_DIV = ÷2
+25°C LO_DIV = ÷2
+85°C LO_DIV = ÷2
–40°C LO_DIV = ÷4
+25°C LO_DIV = ÷4
+85°C LO_DIV = ÷4
Figure 87. fPFD Reference Spurs vs. VCO Frequency,
1 × PFD Offset, Measured at LO Output, Integer Mode
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = ÷8
+25°C LO_DIV = ÷8
+85°C LO_DIV = ÷8
–40°C LO_DIV = ÷2
+25°C LO_DIV = ÷2
+85°C LO_DIV = ÷2
–40°C LO_DIV = ÷4
+25°C LO_DIV = ÷4
+85°C LO_DIV = ÷4
Figure 88. fPFD Reference Spurs vs. VCO Frequency,
3 × PFD Offset, Measured at LO Output, Integer Mode
0
0.05
0.10
0.15
0.20
0.35
0.30
0.25
0.45
0.40
1668
1708
1703
1698
1693
1688
1683
1678
1673
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 89. VCO_5 10 kHz to 40 MHz Integrated Phase Noise vs. VCO
Frequency, For Various Temperatures, Excluding Spurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com