Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 26 of 61
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
LO FREQUENCY (Hz)
–40°C
+25°C
+85°C
50 kHz OFFSET
200 kHz OFFSET
1MHz OFFSET
40MHz OFFSET
1430
1630
1830
2030
2230
2430
2630
Figure 78. Integer Loop Filter Phase Noise vs. LO Frequency, Divide by Two
Selected, Offset = 50 kHz, 200 kHz, 1 MHz, and 40 MHz
–170
–160
–150
–140
–130
–100
–110
–120
–90
1525
1545
1540
1535
1530
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
50kHz OFFSET
200kHz OFFSET
40MHz OFFSET
1MHz OFFSET
Figure 79. VCO_4 GSM Loop Filter Phase Noise, Divide by Two Selected,
Offset = 50 kHz, 200 kHz, 1 MHz, and 40 MHz
–180
–60
–80
–100
–120
–140
–160
1668
1673
1678
1683
1688
1693
1698
1703
1708
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
1kHz OFFSET
100kHz OFFSET
500kHz OFFSET
10MHz OFFSET
Figure 80. VCO_5 GSM Loop Filter Phase Noise, Divide by Two Selected,
Offset = 1 kHz, 100 kHz, 500 kHz, and 10 MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C
+25°C
+85°C
LO_DIV = ÷8
LO_DIV = ÷2
LO_DIV = ÷4
Figure 81. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency,
Divide by Two, Four, and Eight, Including Spurs
0
0.05
0.10
0.15
0.20
0.35
0.30
0.25
0.40
1525
1545
1540
1535
1530
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 82. VCO_4 10 kHz to 40 MHz Integrated Phase Noise vs. VCO
Frequency, For Various Temperatures, Including Spurs
–170
–80
–90
–100
–110
–120
–130
–140
–150
–160
1668
1673
1678
1683
1688
1693
1698
1703
1708
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
50kHz OFFSET
200kHz OFFSET
1MHz OFFSET
40MHz OFFSET
Figure 83. VCO_5 GSM Loop Filter Phase Noise, Divide by Two Selected,
Offset = 50 kHz, 200 kHz, 1 MHz, and 40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com