Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 16 of 61
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 22. IF/2 Spurious vs. RF Frequency over Three Temperatures
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 23. IF/3 Spurious vs. RF Frequency over Three Temperatures
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
–46
–44
–42
–40
–38
–36
–34
–32
–30
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 24. RF to IF Isolation vs. RF Frequency over Three Temperatures
–52
–48
–44
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. LO to IF Leakage vs. LO Frequency over Three Temperatures
–68
–64
–60
–56
–52
–48
–44
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. LO to RF Leakage vs. LO Frequency over Three Temperatures
–64
–60
–56
–52
–48
–44
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
2 × LO TO IF
TA = –40°C
TA = +25°C
TA = +85°C
2 × LO TO RF
Figure 27. 2 × LO Leakage vs. LO Frequency over Three Temperatures (2 × LO
to RF and 2 × LO to IF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com