Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 32 of 61
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board. Mixer spurious products are measured in dBc from the
IF output power level. Data was measured only for frequencies less than 6 GHz; blank cells indicate frequencies that were not measured. Typical
noise floor of the measurement system = −100 dBm.
High Performance Mode
VS = high performance mode, TA = 25°C, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
Table 11. RF = 900 MHz, LO = 697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−
27.1
−
32.1
−
39.1
−
27.0
−
54.2
−
48.5
−
69.3
−
65.6
1
−
35.5
0.0
−
52.5
−
18.4
−
56.6
−
43.6
−
66.7
−
53.5
−
87.4
−
73.5
2
−
55.3
−
68.9
−
68.8
−
73.4
−
64.9
<−100
−
68.3
<−100
−
80.6
<−100
3
−
88.2
−
88.4
<−100
−
79.5
<−100
−
94.1
<−100
<−100
<−100
<−100
4
<−100
−
56.6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
−
43.6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
−
66.7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
−
53.5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
Table 12. RF = 1900 MHz, LO = 1697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−
37.0
−
31.2
−
64.2
1
−
30.2
0.0
−
47.9
−
52.1
−
74.4
2
−
70.8
−
71.9
−
81.6
−
81.2
−
67.2
<−100
3
<−100
<−100
−
93.5
−
75.2
<−100
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
Table 13. RF = 2500 MHz, LO = 2297 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−
40.7
−
44.1
1
−
29.0
0.0
−
49.4
−
58.7
2
−
81.0
−
87.3
−
75.4
−
79.0
−
84.7
3
<−100
−
91.9
−
74.7
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
−
92.5
<−100
<−100
7
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
9
<−100
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com