Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 17 of 61
–64
–60
–56
–52
–48
–44
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
3 × LO TO IF
3 × LO TO RF
Figure 28. 3 × LO Leakage vs. LO Frequency over Three Temperatures
(3 × LO to RF and 3 × LO to IF)
RF FREQUENCY (MHz)
–35
–30
–25
–20
–15
–10
–5
0
500
1000
1500
2000
2500
3000
HIGH-SIDE LO
LOW-SIDE LO
Figure 29. RF Port Return Loss, Fixed IF LO Return Loss
–30
–25
–20
–15
–10
–5
0
100
600
1100
1600
2100
2600
LO FREQUENCY (MHz)
Figure 30. LO Return Loss
100
7.70
7.75
7.80
7.85
7.90
7.95
CONVERSION GAIN (dB)
8.00
8.05
8.10
80
60
40
20
0
MEAN: 7.94
SD: 0.07%
Figure 31. Conversion Gain Distribution
MEAN: 31.23
SD: 0.34%
100
27
28
29
30
INPUT IP3 (dBm)
31
32
35
34
33
80
60
40
20
0
Figure 32. Input IP3 Distribution
MEAN: 10.59
SD: 0.39%
100
10.0
10.1
10.2
10.3
10.4
10.5
INPUT P1dB (dBm)
10.6
10.7
11.0
10.9
10.8
80
60
40
20
0
Figure 33. Input P1dB Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com