Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 44 of 61
REGISTER SUMMARY
Table 26. Register Summary
Reg. Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00 SOFT_RESET
[15:8]
SOFT_RESET[15:8]
0x0000
R
[7:0]
SOFT_RESET[7:0]
0x01 ENABLES
[15:8]
LO_LDO_EN
LO2_ENP
BALUN_EN
LO1_ENP
DIV2P5_EN
PWRUPRX
LO_PATH_EN
0x0000
RW
[7:0]
LO_DRV_EN
VCOBUF_LDO_
EN
REF_BUF_EN
VCO_EN
DIV_EN
CP_EN
VCO_LDO_EN LDO_3P3_EN
0x02 INT_DIV
[15:8]
DIV_MODE
INT_DIV[14:8]
0x0058
RW
[7:0]
INT_DIV[7:0]
0x03 FRAC_DIV
[15:8]
FRAC_DIV[15:8]
0x0250
RW
[7:0]
FRAC_DIV[7:0]
0x04 MOD_DIV
[15:8]
MOD_DIV[15:8]
0x0600
RW
[7:0]
MOD_DIV[7:0]
0x10 IF_BIAS
[15:8]
IFA_LIN_HIEFFP
IFA_MAIN_
HIEFFP
IFA_LINSLOPE
IFA_MAINSLOPE
IFA_LINBIAS[3:2]
0x02B5
RW
[7:0]
IFA_LINBIAS[1:0]
IFA_LINBIAS_EN
IFA_MAINBIAS
IFA_MAINBIAS_EN
0x20 CP_CTRL
[15:8]
UNUSED
CSCALE
0x0026
RW
[7:0]
BLEED_
POLARITY
BLEED
0x21 PFD_CTRL1
[15:8]
UNUSED
REF_MUX_SEL
PFD_POLARITY
REFSEL[11:8]
0x0003
RW
[7:0]
REFSEL[7:0]
0x22 VCO_CTRL1
[15:8]
VCO_LDO_R4
VCO_LDO_R2
0x000A RW
[7:0]
LO_DRV_LVL
LO_DIV
VCO_SEL
0x30 BALUN_CTRL
[15:8]
UNUSED
VGS
LPF
0x0000
RW
[7:0]
BAL_COUT
RESERVED
0x40 PFD_CTRL2
[15:8]
UNUSED
ABLDLY[3]
0x0010
RW
[7:0]
ABLDLY[2:0]
CPCTRL
CLKEDGE
0x42 DITH_CTRL1
[15:8]
UNUSED[11:4]
0x000E
RW
[7:0]
UNUSED[3:0]
DITH_EN
DITH_MAG
DITH_VAL_H
0x43 DITH_CTRL2
[15:8]
DITH_VAL_L[15:8]
0x0001
RW
[7:0]
DITH_VAL_L[7:0]
0x44 SYNTH_FCNTN_
CTRL
[15:8]
UNUSED[9:2]
0x0000
RW
[7:0]
UNUSED[1:0]
DIV_SDM_
DIS
VCOCNT_CG_
DIS
BANDCAL_CG_
DIS
SDM_CG_
DIS
SDM_DIVD_
CLR
BANDCAL_DIVD_
CLR
0x45 VCO_CTRL2
[15:8]
UNUSED
0x0020
RW
[7:0]
VCO_BAND_SRC
BAND
0x46 VCO_CTRL3
[15:8]
UNUSED
0x0000
RW
[7:0]
VCO_CNTR_
DONE
VCO_BAND
0x47 VCO_CNTR_
CTRL
[15:8]
UNUSED[11:4]
0x0000
RW
[7:0]
UNUSED[3:0]
VCO_CNTR_REFCNT
VCO_CNTR_
CLR
VCO_CNTR_EN
0x48 VCO_CNTR_RB
[15:8]
VCO_CNTR_RB[15:8]
0x0000
R
[7:0]
VCO_CNTR_RB[7:0]
0x49 VTUNE_DAC_
CTRL
[15:8]
UNUSED
VTUNE_DAC_SLOPE
VTUNE_DAC_
OFFSET[8]
0x0000
RW
[7:0]
VTUNE_DAC_OFFSET[7:0]
0x4A VCO_BUF_LDO
[15:8]
UNUSED
0x0000
RW
[7:0]
VCOBUF_LDO_R4
VCOBUF_LDO_R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com