Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6614ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6614ACPZ-R7
Description  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6614ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6614ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6614ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 34 of 61
THEORY OF OPERATION
The ADRF6614 consists of two primary components: the RF
subsystem and the LO subsystem. The combination of design,
process, and packaging technology allows the functions of these
subsystems to be integrated into a single die, using mature
packaging and interconnection technologies to provide a high
performance device with excellent electrical, mechanical, and
thermal properties. The wideband frequency response and flexible
frequency programming simplifies the receiver design, saves
on-board space, and minimizes the need for external components.
The RF subsystem consists of an integrated, tunable, low loss RF
balun, a double balanced, passive MOSFET mixer, a tunable sum
termination network, and an IF amplifier.
The LO subsystem consists of a multistage, limiting LO amplifier.
The purpose of the LO subsystem is to provide a large, fixed ampli-
tude, balanced signal to drive the mixer independent of the level of
the LO input. A schematic of the device is shown in Figure 110.
RF SUBSYSTEM
The single-ended, 50 Ω RF input is internally transformed to a
balanced signal using a tunable, low loss, unbalanced to balanced
(balun) transformer. This transformer is made possible by an
extremely low loss metal stack, which provides both excellent
balance and dc isolation for the RF port. Although the port can
be dc connected, it is recommended to use a blocking capacitor
to avoid running excessive dc current through the device. The RF
balun can easily support an RF input frequency range of 700 MHz
to 3000 MHz. This balun is tuned over the frequency range by a SPI
controlled switched capacitor network at the output of the RF balun.
The resulting balanced RF signal is applied to a passive mixer that
commutates the RF input in accordance with the output of the LO
subsystem. The passive mixer is a balanced, low loss switch that adds
minimum noise to the frequency translation. The only noise con-
tribution from the mixer is due to the resistive loss of the switches,
which is in the order of a few ohms.
The IF amplifier is a balanced feedback design that simultaneously
provides the gain, noise figure, and input impedance required to
achieve the overall performance. The balanced open-collector
output of the IF amplifier, with an impedance modified by the
feedback within the amplifier, permits the output to be connected
directly to a high impedance filter, a differential amplifier, or an
analog-to-digital converter (ADC) input while providing optimum
second-order intermodulation suppression. The differential output
impedance of the IF amplifier is approximately 200 Ω. If operation
in a 50 Ω system is desired, the output can be transformed to 50 Ω
by using a 4:1 transformer or an LC impedance matching network.
EXTERNAL LO GENERATION
The ADRF6614 LO can be generated by an externally applied
source or by using the internal PLL synthesizer. To select the
external LO mode, write 011 to Register 0x22, Bits[2:0] and apply
the differential LO signal to Pin 4 (EXTVCOIN+) and Pin 5
(EXTVCOIN−).
Internal dividers allow the externally applied LO signal to be
divided before this signal arrives at the mixer LO input. The
divider value is set by Register 0x22, Bits[5:3] and has possible
values of 1, 2, 4, and 8. With the divider set to 1, the externally
applied LO input frequency range is 250 MHz to 2850 MHz.
When using a divider value of other than 1, the maximum
externally applied LO frequency is 5700 MHz.
The external LO input pins present a broadband differential 50 Ω
input impedance. The EXTVCOIN+ and EXTVCOIN− input
pins must be ac-coupled. When not in use, EXTVCOIN+ and
EXTVCOIN− can be left unconnected.
INTERNAL LO GENERATION
Reference Input Circuitry
The ADRF6614 includes an on-chip PLL for LO synthesis. The
PLL, shown in Figure 109, consists of a reference input and input
dividers, a PFD, a charge pump, VCOs, and a programmable
fractional/integer divider with a 2× prescaler.
The reference path takes in a reference clock and divides it by a
factor of 1 to 8191 before passing it to the PFD. The PFD compares
this signal to the divided down signal from the VCO. Depending
on the PFD polarity selected, the PFD sends an up or down signal
to the charge pump if the VCO signal is slow or fast compared to
the reference frequency. The charge pump sends a current pulse
to the off-chip loop filter to increase or decrease the tuning
voltage (VCOVTUNE).
1 TO 8191
(REG 0x21[11:0])
N = INT +
FRAC
MOD
(REG 0x02, REG 0x03,
REG 0x04)
PFD
MIXER 1 LO
MIXER 2 LO
EXTERNAL
LO INPUT
CHARGE
PUMP
2×
PRESCALER
CPOUT
C18
C20
C22
R7
R8
R10
C23
VCOVTUNE
LOOP FILTER
GNDCP
REFIN
LO DIVIDER
(1, 2, 4, 8, 16, 32)
(REG 0x22[5:3])
Figure 109. LO Generation Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com