Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 60 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 60 Page - ams AG

Back Button AS3418 Datasheet HTML 56Page - ams AG AS3418 Datasheet HTML 57Page - ams AG AS3418 Datasheet HTML 58Page - ams AG AS3418 Datasheet HTML 59Page - ams AG AS3418 Datasheet HTML 60Page - ams AG AS3418 Datasheet HTML 61Page - ams AG AS3418 Datasheet HTML 62Page - ams AG AS3418 Datasheet HTML 63Page - ams AG AS3418 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 60
Addr: 0x0E
MONITOR_MODE1
Bit
Bit Name
Default
Access
Bit Description
10: 400ms
11: 600ms
1:0
MON_HPH_M
UX<1:0>
00
R/W
This register selects the ANC input source for the
headphone amplifier in Monitor mode. Depending on
the register setting different outputs are routed to the
headphone amplifier input. It is also possible to
disconnect all ANC input sources which is sometimes
desired in monitor mode.
00: QMIC outputs are connected to HPH input
01: OP1 outputs are connected to HPH input
10: Do not use (reserved for OP2)
11: QMIC, OP1 are disconnected from HPH
Figure 82:
MON_MIC_LEFT_GAIN Register Description
Addr: 0x0F
MON_MIC_LEFT_GAIN
Bit
Bit Name
Default
Access
Bit Description
6:0
MON_MIC_LE
FT_GAIN
101
0111
R/W
Volume settings for left microphone input, adjustable
in 63 steps of 0.5dB for Monitor operation mode.
000 0000: 0dB
000 0001: 0.5dB gain
000 0010: 1.0dB gain
000 0011: 1.5dB gain
…
011 1110: 31dB gain
011 1111: Do not use
101 0111: MUTE (Mute code if NEG_ATT_EN bit
set)
111 1111: MUTE (Mute code if NEG_ATT_EN bit
not set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com