Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 31 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 31 Page - ams AG

Back Button AS3418 Datasheet HTML 27Page - ams AG AS3418 Datasheet HTML 28Page - ams AG AS3418 Datasheet HTML 29Page - ams AG AS3418 Datasheet HTML 30Page - ams AG AS3418 Datasheet HTML 31Page - ams AG AS3418 Datasheet HTML 32Page - ams AG AS3418 Datasheet HTML 33Page - ams AG AS3418 Datasheet HTML 34Page - ams AG AS3418 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 31
Figure 37:
Power Up Conditions
#
Source
Description
1
MODE/CSCL pin
Depending on the operation mode the power up/down pin
MODE/CSCL pin behaves differently:
Slider Mode: Mode pin has to be driven high turn on the device. Since
the timing can be programmed the value depends also on
POWER_UP_BUT_TIME register setting. With default configuration of
POWER_UP_BUT_TIME register typ. button press time is ~16ms.
Full Slider Mode: Mode pin has to be driven high turn on the device.
Since the timing can be programmed the value depends also on
POWER_UP_BUT_TIME register setting. With default configuration of
POWER_UP_BUT_TIME register typ. button press time is ~16ms.
Push Button Mode: Mode pin has to be driven high turn on the device.
Since the timing can be programmed the value depends also on
POWER_UP_BUT_TIME register setting. With default configuration of
POWER_UP_BUT_TIME register typ. button press time is ~16ms.
2
I2C start condition
In I2C mode, an I2C start condition turns on the device. For this startup
function I2C_MODE bit must be set in the EEPROM register.
The chip automatically powers down if one of the following conditions arises:
Figure 38:
Power Down Conditions
#
Source
Description
1
MODE/CSCL pin
Depending on the operation mode the power MODE/CSCL pin
behaves differently:
Slider Mode: Mode pin has to be driven low for min. 10ms to turn off
the device
Full Slider Mode: Mode pin has to be driven low for min. 10ms to turn
off the device
Push Button Mode: Mode pin has to be high for the time defined in
PWR_DOWN_BUT_TIME register to turn off the device.
2
I2C power down
command
Power down by serial interface is initiated by clearing the PWR_HOLD
bit. (Please mind that the I2C_MODE bit has to be set before clearing
the PWR_HOLD bit to enable the I2C power down mode)
3
VNEG over current
Power down if VNEG is higher than the VNEG off-threshold.
6.7.1
Start-Up Sequence
The AS3418 has a defined startup sequence. Once the AS3418 MODE pin is pulled high, the device
initiates the automatic startup sequence shown in Figure 39 or Figure 40 depending on the operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com