Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 50 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 50 Page - ams AG

Back Button AS3418 Datasheet HTML 46Page - ams AG AS3418 Datasheet HTML 47Page - ams AG AS3418 Datasheet HTML 48Page - ams AG AS3418 Datasheet HTML 49Page - ams AG AS3418 Datasheet HTML 50Page - ams AG AS3418 Datasheet HTML 51Page - ams AG AS3418 Datasheet HTML 52Page - ams AG AS3418 Datasheet HTML 53Page - ams AG AS3418 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 50
Addr: 0x01
SYSTEM_STATUS
Bit
Bit Name
Default
Access
Bit Description
works only if the I2C_MODE bit is set. In case
I2C_MODE is low, the register content is ignored.
0: Power up hold is cleared and chip powers down
1: Device remains powered on
Figure 69:
MODE_REG0 Register Description
Addr: 0x02
MODE_REG0
Bit
Bit Name
Default
Access
Bit Description
6
EN_ZERO_C
ROSS
1
R/W
This bit activates zero cross detection while switching
between music bypass switch and headphone
amplifier.
0: Zero cross detection is disabled.
1: Zero cross detection is enabled.
5
DELAY_HPH_
MUX
0
R/W
This register controls the startup delay setting before
the ANC_HPH_MUX setting is applied to the system.
This function can help to reduce pop noise during
startup of the device especially if there are
components with long charging times involved. This
bit is only valid during initial startup.
0: Headphone MUX delay disabled
1: Headphone MUX delay enabled
4:3
UI_MODE
01
R/W
This register defines the user interface operation
mode of AS3418. For a detailed description of the
different user interface modes please refer to chapter
Operation Modes.
00: Push Button Operation Mode
01: Slider Operation Mode
10: Full Slider Operation
11: Do not use
2
MICS_DC_EN
1
R/W
This bit enables the internal microphone supply
discharge function if the microphone supply is
switched off. The MICS_LDO pin is discharged within
~10ms.
0: MICS_LDO discharge disabled
1: MICS_LDO discharge enabled
1
HPH_MODE
0
R/W
This register controls the operation mode of the
headphone amplifier. The headphone amplifier
supports single ended mode and differential mode. In
differential output mode the right audio signal path is
the active input signal for the headphone amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com