Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 34 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 34 Page - ams AG

Back Button AS3418 Datasheet HTML 30Page - ams AG AS3418 Datasheet HTML 31Page - ams AG AS3418 Datasheet HTML 32Page - ams AG AS3418 Datasheet HTML 33Page - ams AG AS3418 Datasheet HTML 34Page - ams AG AS3418 Datasheet HTML 35Page - ams AG AS3418 Datasheet HTML 36Page - ams AG AS3418 Datasheet HTML 37Page - ams AG AS3418 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 34
MODE
Description
MONITOR
In Monitor Mode, a different (normally higher) microphone preamplifier gain can be
configured to get an amplification of the ambient noise. To get rid of the low pass
filtering needed for the noise cancellation, the headphone input multiplexer can be
set to a different (normally to MIC) source to increase speech intelligibility. In
addition, the Line Input signal can be muted for further improved intelligibility. If the
device is operated in I2C mode, it is also possible to enter the monitor mode by
setting the MON_MODE_EN bit in register 0x03.
PBO
The Playback Only mode is a special mode that disables the noise cancelling
function and just keeps e.g. line input amplifier or headphone amplifier active.
Certainly this operation mode can also be used as an alternative Monitor or ANC
mode with different gain settings.
With the AS3418 design engineers have different options to enter the described operation modes
shown in Figure 41. In addition to the different user interface modes described in the following three
chapters, it is also important to configure the device accordingly. Figure 42 shows the required register
configuration settings to enable the different AS3418 control modes.
Figure 42:
User Interface Control Modes
MODE
Register UI_MODE<1:0>
Button Mode
0
0
Slider Mode
0
1
Full Slider Mode
1
0
Do not use
1
1
6.8.1
Full Slider Mode
Full Slider Mode enables the AS3418 to be connected to two slide switches for Power, ANC and
Monitor Mode control. To enable this operation mode register UI_MODE
has to be set to ‘d2’. The
typical connection of the slide switches is shown in Figure 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com