Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 24 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 24 Page - ams AG

Back Button AS3418 Datasheet HTML 20Page - ams AG AS3418 Datasheet HTML 21Page - ams AG AS3418 Datasheet HTML 22Page - ams AG AS3418 Datasheet HTML 23Page - ams AG AS3418 Datasheet HTML 24Page - ams AG AS3418 Datasheet HTML 25Page - ams AG AS3418 Datasheet HTML 26Page - ams AG AS3418 Datasheet HTML 27Page - ams AG AS3418 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 24
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ECO Mode, Line Input -> HPH
stereo out of phase test signal;
32Ω load; VBAT = 1.8V; A-
weighted
114.5
dB
ACHANNEL
Channel Separation
32
Ω load
93
dB
VNOISE-A
A-Weighted Output
Noise Floor
High Quality Mode; 32Ω load;
HP_MUX = nc; LINx
connected to ground
1.5
µV
ECO Mode; 32Ω load;
HP_MUX = nc; LINx
connected to ground
2.1
µV
Figure 23:
Headphone THD+N vs. Output Power 32Ω
Stereo
– High Quality Mode
Figure 24:
Headphone THD+N vs. Output Power 32
Ω
Stereo
– ECO Mode
0,001
0,01
0,1
1
1
10
100
Pout [mW]
Vbat = 1.8V
Vbat = 1.4V
0,001
0,01
0,1
1
1
10
100
Pout [mW]
Vbat = 1.8 ECO
Vbat = 1.4V ECO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com