Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 21 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 21 Page - ams AG

Back Button AS3418 Datasheet HTML 17Page - ams AG AS3418 Datasheet HTML 18Page - ams AG AS3418 Datasheet HTML 19Page - ams AG AS3418 Datasheet HTML 20Page - ams AG AS3418 Datasheet HTML 21Page - ams AG AS3418 Datasheet HTML 22Page - ams AG AS3418 Datasheet HTML 23Page - ams AG AS3418 Datasheet HTML 24Page - ams AG AS3418 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 21
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT = 1.8V; no load;
HIQ_EN_MICS_LDO = 0
0.33
mA
VBAT = 1.4V; no load;
HIQ_EN_MICS_LDO = 0
0.32
mA
IMICS_CP
Current
consumption
microphone supply
charge pump
VBAT= 1.8V; MICS voltage
regulator off; no load
0.3
mA
VBAT= 1.8V; MICS voltage
regulator off; 1mA load
3.5
mA
VBAT= 1.4V; MICS voltage
regulator off; no load
0.26
mA
VBAT= 1.4V; MICS voltage
regulator off; 1mA load
3.33
mA
IOUT
Output current
Charge pump activated
2
mA
Figure 19:
Microphone Supply Load Characteristic
6.4
Headphone Amplifier
The headphone amplifier is a true ground output using VNEG as negative supply. It is designed to
feature an output power of 2x34mW @ 32
Ωload. For higher output requirements, the headphone
amplifier is also capable of operating in bridged mode. In this mode the left output is carrying the
inverted signal of the right output shown in Figure 21. With a VBAT voltage of 1.8V, a maximum output
power of 100mW can be achieved. This is necessary for over- and on ear headsets with higher output
power requirements. The amplifier itself features various input sources. The line input signal is directly
connected to the headphone amplifier. The input multiplexer supports three different input signals
0
1
2
3
1
2
3
4
I
load [mA]
VBAT=1,4V
VBAT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com