Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 55 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 55 Page - ams AG

Back Button AS3418 Datasheet HTML 51Page - ams AG AS3418 Datasheet HTML 52Page - ams AG AS3418 Datasheet HTML 53Page - ams AG AS3418 Datasheet HTML 54Page - ams AG AS3418 Datasheet HTML 55Page - ams AG AS3418 Datasheet HTML 56Page - ams AG AS3418 Datasheet HTML 57Page - ams AG AS3418 Datasheet HTML 58Page - ams AG AS3418 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 55
Addr: 0x06
ON_DELAY
Bit
Bit Name
Default
Access
Bit Description
110: 1600ms
111: 2000ms
Figure 74:
ECO_MODE_REG Register Description
Addr: 0x07
ECO_MODE_REG
Bit
Bit Name
Default
Access
Bit Description
7:6
HIQ_ECO_PR
ESET
00
R/W
This register allows the device to achieve best offset
performance. Depending on the quality settings of
headphone amplifier, microphone pre-amplifier and
OP1 the correct preset from the table below has to
be configured to ensure lowest offset values.
00: HPH->HIQ; MIC->HIQ; OP1->HIQ
01: HPH->HIQ; MIC->ECO; OP1->ECO
10: HPH->HIQ; MIC->HIQ; OP1->ECO
11: HPH->ECO; MIC->ECO; OP1->ECO
3
HIQ_EN_MIC
S_LDO
1
R/W
This bit enables the high quality mode of the
microphone LDO.
0: High quality function disabled
1: High quality function enabled
2
HIQ_EN_HPH
1
R/W
This bit enables the high quality mode of the
headphone amplifier.
0: High quality function disabled
1: High quality function enabled
1
HIQ_EN_MIC
1
R/W
This bit enables the high quality mode of the
microphone amplifier.
0: High quality function disabled
1: High quality function enabled
0
HIQ_EN_OPA
MP
1
R/W
This bit enables the high quality mode of the
operational amplifier amplifiers for ANC filter design.
0: High quality function disabled
1: High quality function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com