Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 51 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 51 Page - ams AG

Back Button AS3418 Datasheet HTML 47Page - ams AG AS3418 Datasheet HTML 48Page - ams AG AS3418 Datasheet HTML 49Page - ams AG AS3418 Datasheet HTML 50Page - ams AG AS3418 Datasheet HTML 51Page - ams AG AS3418 Datasheet HTML 52Page - ams AG AS3418 Datasheet HTML 53Page - ams AG AS3418 Datasheet HTML 54Page - ams AG AS3418 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 51
Addr: 0x02
MODE_REG0
Bit
Bit Name
Default
Access
Bit Description
0: Stereo single ended mode
1: Mono differential mode
0
I2C_MODE
0
R/W
All registers can be read and written by the I2C
interface independent on the level of I2C_MODE bit
but I2C_MODE controls whether the main modes of
AS3418 (MON/ANC/PBO/ON/OFF) are controlled by
the MON_MODE_EN, PBO_MODE_EN bits and
SYSTEM_STATUS registers or by the buttons and
switches. Once the bit is set and the system powers
up because there’s an I2C start condition applied to
the CSCL and CSDA pins, the user has to write the
PWR_HOLD bit within SHUTDOWN_DELAY,
otherwise AS3418 powers down again.
This can be done either over the CSDA/CSCL or
over the application trimming interface.
0: I2C mode control functions disabled
1: I2C mode control functions enabled
Figure 70:
MODE_REG1 Register Description
Addr: 0x03
MODE_REG1
Bit
Bit Name
Default
Access
Bit Description
7
PBO_MODE_
EN
0
R/W
In case I2C_MODE bit is not set, the register content
is ignored but can be read and written. In case
I2C_MODE bit is set, this bit controls the operation
mode of AS3418 (ANC, MON, PBO). In case the
PBO_MODE_EN is 1, MON_MODE_EN has to be 0.
0: ANC Mode
1: PBO Mode
6
MON_MODE_
EN
0
R/W
In case I2C_MODE bit is not set, the register content
is ignored but can be read and written. In case
I2C_MODE bit is set, this bit controls the operation
mode of AS3418 (ANC, MON, PBO). In case the
PBO_MODE_EN is 1, MON_MODE_EN has to be 0.
0: ANC Mode
1: MON Mode
4
ANCMON_MI
CS_BYP_EN
0
R/W
This bit enables the automatic VBAT to MICS bypass
function when the microphone supply charge pump is
switched off. This function has to be activated in case
the microphone supply voltage regulator is supplied
externally via MICS_CP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com