Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 28 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 28 Page - ams AG

Back Button AS3418 Datasheet HTML 24Page - ams AG AS3418 Datasheet HTML 25Page - ams AG AS3418 Datasheet HTML 26Page - ams AG AS3418 Datasheet HTML 27Page - ams AG AS3418 Datasheet HTML 28Page - ams AG AS3418 Datasheet HTML 29Page - ams AG AS3418 Datasheet HTML 30Page - ams AG AS3418 Datasheet HTML 31Page - ams AG AS3418 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 28
Figure 32 :
Bypass THD+N vs. Output Power 32Ω Load
6.6
Operational Amplifier
The AS3418 offers one general purpose operational amplifier for feed-forward ANC. The amplifier is
used to develop the gain- and phase compensation filter for the ANC signal path.
Figure 33:
Operational Amplifier
6.6.1
Parameter
VBAT =1.8V, TA= 25ºC, Rinput = RFB
= 1kΩ unless otherwise specified.
0,0001
0,001
0,01
0,1
1
10
100
Pout [mW]
32 Ohm
AGND
OP1L
OP1R
QOP1R
QOP1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com