Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 29 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 29 Page - ams AG

Back Button AS3418 Datasheet HTML 25Page - ams AG AS3418 Datasheet HTML 26Page - ams AG AS3418 Datasheet HTML 27Page - ams AG AS3418 Datasheet HTML 28Page - ams AG AS3418 Datasheet HTML 29Page - ams AG AS3418 Datasheet HTML 30Page - ams AG AS3418 Datasheet HTML 31Page - ams AG AS3418 Datasheet HTML 32Page - ams AG AS3418 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 29
Figure 34:
Operational Amplifier Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Signal Level
Gain=0dB
0.9*VBAT
VBAT
VPEAK
SNR
Signal to Noise
Ratio
10k
 load Gain = 0dB (1),
VBAT=1.8V,
High Quality Mode
114.5
dB
10k
 load Gain = 0dB (1),
VBAT=1.4V
High Quality Mode
111.4
dB
10k
 load Gain = 0dB (1),
VBAT=1.8V,
ECO Mode
113.3
dB
10k
 load Gain = 0dB (1),
VBAT=1.4V,
ECO Mode
110
dB
IOP1
Block Current
Consumption
VBAT = 1.8V; OP1L and
OP1R enabled; normal mode
1
mA
VBAT = 1.8V; OP1L and
OP1R enabled; ECO mode
0.7
mA
VBAT = 1.4V; OP1L and
OP1R enabled; normal mode
0.95
mA
VBAT = 1.4V; OP1L and
OP1R enabled; ECO mode
0.65
mA
VNOISE-A
Input Referred
Noise Floor A-
Weighted
High Quality Mode
2.2
µV
ECO Mode
2.6
µV
VOFFSET
DC offset voltage
Gain=0dB
500
µV
CL
Load Capacitance
100
pF
RL
Load Impedance
1
kΩ
ALOOP
Open Loop Gain
100MHz
120
dB
(1)
SNR figure measured with 20dB gain to minimize audio analyzer noise floor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com