Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 42 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 42 Page - ams AG

Back Button AS3418 Datasheet HTML 38Page - ams AG AS3418 Datasheet HTML 39Page - ams AG AS3418 Datasheet HTML 40Page - ams AG AS3418 Datasheet HTML 41Page - ams AG AS3418 Datasheet HTML 42Page - ams AG AS3418 Datasheet HTML 43Page - ams AG AS3418 Datasheet HTML 44Page - ams AG AS3418 Datasheet HTML 45Page - ams AG AS3418 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 42
Figure 56:
Production Trim Box
With this new system, there is no need for mechanical potentiometers any more. Up to now, operators
in production used to use screw drivers to fine tune the ANC performance of each headset. The
disadvantage of this is reliability and cost of potentiometers. Additionally, operators are not always
precise in their work, thus yielding inconsistent results. With the production trimming system from ams
there are no mechanical potentiometers required. The operator connects a 3.5mm audio jack to a
trimming box and this box enables the audio input of the headset to become the ANC tuning input.
This new feature also helps industrial designers of headset because there are no more considerations
concerning leakage holes for the old mechanical trimming. Thus, the headset can be fully assembled
and ready for the ANC test system at the end of the manufacturing process. The trim box can be
easily controlled with an USB interface so it is also possible to create fully automated trimming
systems. For further details please contact our local sales office; they can provide you with source
code examples and application notes.
6.12
I2C Interface
In order to configure the device using the evaluation software or a MCU the AS3418 features a serial
two wire interface. The I²C address for the device can be found in Figure 57.
Figure 57:
I
2C Slave Address
7 bit I2C address
8 Bit read address
8 Bit write address
0x47
0x8F
0x8E
LINR
TRSCL
MUTE
MUTE
TRSDA
EEPROM
to HPH
to HPH
Application Trim Box
AS3418
LINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com