Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 46 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 46 Page - ams AG

Back Button AS3418 Datasheet HTML 42Page - ams AG AS3418 Datasheet HTML 43Page - ams AG AS3418 Datasheet HTML 44Page - ams AG AS3418 Datasheet HTML 45Page - ams AG AS3418 Datasheet HTML 46Page - ams AG AS3418 Datasheet HTML 47Page - ams AG AS3418 Datasheet HTML 48Page - ams AG AS3418 Datasheet HTML 49Page - ams AG AS3418 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 46
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
CSDA Low Output
Level
at 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
TH
Clock high time
max. 400kHz clock speed
500
ns
TL
Clock low time
max. 400kHz clock speed
500
ns
TSU
CSDA has to change Tsetup
before rising edge of CSCL
250
-
-
ns
THD
No hold time needed for CSDA
relative to rising edge of CSCL
0
-
-
ns
TS
CSDA H hold time relative to
CSDA edge for
start/stop/rep_start
200
-
-
ns
TPD
CSDA prop delay relative to low
going edge of CSCL
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com