Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 44 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 44 Page - ams AG

Back Button AS3418 Datasheet HTML 40Page - ams AG AS3418 Datasheet HTML 41Page - ams AG AS3418 Datasheet HTML 42Page - ams AG AS3418 Datasheet HTML 43Page - ams AG AS3418 Datasheet HTML 44Page - ams AG AS3418 Datasheet HTML 45Page - ams AG AS3418 Datasheet HTML 46Page - ams AG AS3418 Datasheet HTML 47Page - ams AG AS3418 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 44
For reading data from the slave device, the master has to change the transfer direction. This can be
done either with a repeated START condition followed by the device-read address, or simply with a
new transmission START followed by the device-read address, when the bus is in IDLE state. The
device-read address is always followed by the 1st register byte transmitted from the slave. In Read
Mode any number of subsequent register bytes can be read from the slave. The word address is
incremented internally.
Figure 61:
Random Read
Random Read and Sequential Read are combined formats. The repeated START condition is used to
change the direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is
idle. The START condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st SCL pulse after
the acknowledge bit of the word address transfer. After the reception of the device-read address, the
slave becomes the transmitter. In this state the slave transmits register data located by the previous
received word address vector. The master responds to the data byte with a not-acknowledge, and
issues a STOP condition on the bus.
Figure 62:
Sequential Read
Sequential Read is the extended form of Random Read, as more than one register-data bytes are
transferred subsequently. Different from the Random Read, for a sequential read, the transferred
register-data bytes are responded with an acknowledge from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior of the word-address counter). To
terminate the transmission the master has to send a not-acknowledge following the last data byte and
then generate the STOP condition.
A
DW
S
WA
A Sr
P
DR
A
data
N
RA++
A
DW
S
WA
A Sr
DR
A
reg_data 1
A
reg_data 2
A
...
reg_data n
RA++
RA++
RA++
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com