Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 52 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 52 Page - ams AG

Back Button AS3418 Datasheet HTML 48Page - ams AG AS3418 Datasheet HTML 49Page - ams AG AS3418 Datasheet HTML 50Page - ams AG AS3418 Datasheet HTML 51Page - ams AG AS3418 Datasheet HTML 52Page - ams AG AS3418 Datasheet HTML 53Page - ams AG AS3418 Datasheet HTML 54Page - ams AG AS3418 Datasheet HTML 55Page - ams AG AS3418 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 52
Addr: 0x03
MODE_REG1
Bit
Bit Name
Default
Access
Bit Description
0: MIC charge pump bypass function disabled
1: MIC charge pump bypass function enabled
3
ANCMON_MI
CS_CP_ON
1
R/W
This bit controls the microphone supply charge
pump. The microphone charge pump has a second
function besides the bias voltage generation for
microphones. It is also used to disable the integrated
music bypass switch if the AS3418 is active. In case
the integrated bypass switch is used in an application
this bit must not be set to ‘0’.
0: Microphone supply charge pump disabled
1: Microphone supply charge pump enabled
WARNING: Microphone supply is also used for
disabling the Bypass switch. If Microphone supply is
disabled an external supply is required.
2
ANCMON_MI
CS_LDO_ON
1
R/W
This bit controls the microphone supply. In case this
bit is set to ‘1’ the microphone supply voltage
regulator (MICS output pin) is powered up.
0: Microphone supply switched off
1: Microphone supply switched on
1
ANCMON_MI
C_ON
1
R/W
This bit powers up the microphone preamplifier.
0: Microphone preamplifier disabled
1: Microphone preamplifier enabled
0
ANCMON_HP
H_ON
1
R/W
This bit allows the user to power down headphone
amplifier in case it is not used in the final application
in order to save system power.
0: Headphone amplifier disabled
1: Headphone amplifier enabled
Figure 71:
MICS_VOLTAGE Register Description
Addr: 0x04
MICS_VOLTAGE
Bit
Bit Name
Default
Access
Bit Description
7
MICS_LDO_C
V_MODE
-
R
Signals if the MICS_LDO is in constant voltage
mode.
1: Constant voltage mode active
0: Constant voltage mode inactive
6
MICS_LDO_C
D_MODE
-
R
Signals if the microphone supply is in constant drop
mode
1: Constant drop mode active
0: Constant drop mode inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com