Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 68 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 68 Page - ams AG

Back Button AS3418 Datasheet HTML 64Page - ams AG AS3418 Datasheet HTML 65Page - ams AG AS3418 Datasheet HTML 66Page - ams AG AS3418 Datasheet HTML 67Page - ams AG AS3418 Datasheet HTML 68Page - ams AG AS3418 Datasheet HTML 69Page - ams AG AS3418 Datasheet HTML 70Page - ams AG AS3418 Datasheet HTML 71Page - ams AG AS3418 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 68
7.2.6
Operation Mode Control Register
Figure 92:
MODE_SWITCH_CONTROL Register Description
Addr: 0x1A
MODE_SWITCH_CONTROL
Bit
Bit Name
Default
Access
Bit Description
6:5
SHUTDOWN_
DELAY
00
R/W
This register controls the shutdown delay function of
AS3418.
00: 10ms(default after reset)
01: 80ms
10: 200ms
11: 400ms
3:2
MODE_SWIT
CH_DELAY
11
R/W
Defines the time switching from ANC to PBO and
PBO to MONITOR operation mode. During this mode
switching delay the headphone amplifier multiplexer
is not connected to any source.
00: 5ms
01: 100ms
10: 200ms
11: 400ms
1
GAIN_JUMP_
UP_EN
0
R/W
This bit is independent of AGC_EN bit. The gain after
a gain register write is not immediately set but is
stepped up from old to new value if it is lower than
the old gain setting. Gain change will follow
AGC_RELEASE_TIME register setting.
0: Gain Jump up disabled
1: The gain is immediately set after a gain register
write if it is higher than the old gain setting
0
GAIN_JUMP_
DOWN_EN
0
R/W
This bit is independent of AGC_EN bit. The gain after
a gain register write is not immediately set but is
stepped down from old to new value if it’s lower than
the old gain setting. Gain change will follow
AGC_ATTACK_TIME register setting.
0: Gain Jump down disabled
1: Gain jump down enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com