Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 41 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 41 Page - ams AG

Back Button AS3418 Datasheet HTML 37Page - ams AG AS3418 Datasheet HTML 38Page - ams AG AS3418 Datasheet HTML 39Page - ams AG AS3418 Datasheet HTML 40Page - ams AG AS3418 Datasheet HTML 41Page - ams AG AS3418 Datasheet HTML 42Page - ams AG AS3418 Datasheet HTML 43Page - ams AG AS3418 Datasheet HTML 44Page - ams AG AS3418 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 41
Figure 54:
EEPROM Upload Flow Chart
6.10.3
EEPROM Upload Test Function
Before an EEPROM Upload function is started it is recommended to do first an Upload Test. During
this test the device does not write the EEPROM settings, instead it just tries if it would be possible to
write the EEPROM successfully. It is checked if the power supply is sufficient to trigger a real
EEPROM Upload.
Figure 55:
EEPROM Upload Test Function
The sequence for the Upload test function is similar to the real Upload. The only difference is that the
EEPROM_UPLOAD_TEST bit has to be set to start the upload test instead of the
EEPROM_UPLOAD bit. The flow chart for the Upload test sequence is shown in Figure 55.
6.11
Production Trimming Interface
In addition to option programming the AS3418 via I2C interface, the AS3418 features a second unique
trimming mechanism. This very special mode enables the analog music inputs of the AS3418 to
become a digital production trimming input.
Set bit EEPROM_UPLOAD
in register 0x34
EEPROM Upload
complete
Check
EE_READY bit
in register 0x01
EE_READY = 0
EE_READY = 1
Check
EE_WR_OK bit
in register 0x01
EE_WR_OK = 1
EEPROM Upload
failed
EE_WR_OK = 0
Set bit
EEPROM_UPLOAD_TEST
in register 0x34
EEPROM Upload Test
complete
Check
EE_READY bit
in register 0x01
EE_READY = 0
EE_READY = 1
Check
EE_WR_OK bit
in register 0x01
EE_WR_OK = 1
EEPROM Upload Test
failed
EE_WR_OK = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com