Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 20 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 20 Page - ams AG

Back Button AS3418 Datasheet HTML 16Page - ams AG AS3418 Datasheet HTML 17Page - ams AG AS3418 Datasheet HTML 18Page - ams AG AS3418 Datasheet HTML 19Page - ams AG AS3418 Datasheet HTML 20Page - ams AG AS3418 Datasheet HTML 21Page - ams AG AS3418 Datasheet HTML 22Page - ams AG AS3418 Datasheet HTML 23Page - ams AG AS3418 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 20
Figure 17:
Microphone Supply
The microphone supply charge pump is also used to switch off the integrated music bypass switch of
the AS3418 in active mode. Therefore, during normal operation the microphone supply must not be
switched off if the BPL and BPR pins are in use.
6.3.1
Parameter
VBAT=1.8V, TA= 25ºC, CMSUP = 4.7µF and CMICS = 4.7µF unless otherwise specified.
Figure 18:
Microphone Supply Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMICS
Microphone supply
LDO output voltage
VBAT= 1.8V; no load; charge
pump activated
2.9
V
VBAT=1.4V; no load; charge
pump activated
2.5
V
VMSUP
Microphone supply
charge pump
output voltage
VBAT= 1.8V; no load; MICS
voltage regulator off
3.15
V
VBAT= 1.4V; no load; MICS
voltage regulator off
2.7
V
VNoise-A
Microphone Supply
Noise at MICS
output
High quality mode enabled; 1mA
load; A-weighted
1.7
µV
High quality mode disabled;
1mA load; A-weighted
2.2
µV
IMICS
Current
consumption low
noise voltage
regulator
VBAT = 1.8V; no load;
HIQ_EN_MICS_LDO = 1
0.69
mA
VBAT = 1.4V; no load;
HIQ_EN_MICS_LDO = 1
0.67
mA
CMSUP
MIC
Charge
Pump
VBAT
MICS
to microphone
BIAS resistors
CMICS
LDO
ANCMON_
MICS_ON
ANCMON_MICS_CP_ON
ANCM ON_MICS_CP_BYP_EN
M ICS_V_SEL<3:0>
M ICS_V_LEV<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com