Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 15 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 15 Page - ams AG

Back Button AS3418 Datasheet HTML 11Page - ams AG AS3418 Datasheet HTML 12Page - ams AG AS3418 Datasheet HTML 13Page - ams AG AS3418 Datasheet HTML 14Page - ams AG AS3418 Datasheet HTML 15Page - ams AG AS3418 Datasheet HTML 16Page - ams AG AS3418 Datasheet HTML 17Page - ams AG AS3418 Datasheet HTML 18Page - ams AG AS3418 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 15
Microphone Gain
R1
R2
fcut-off
18dB
2795Ω
19405Ω
6.1Hz
21dB
1979Ω
20221Ω
8.4Hz
24dB
1400Ω
20800Ω
11.5Hz
27dB
992Ω
21208Ω
16.3Hz
30dB
702Ω
21498Ω
22.7Hz
It is important when doing the ANC filter simulations to include all microphone filter components to
incorporate the gain and phase influence of these components. In the cut-off frequency overview,
capacitor CAC was defined as 10µF which results in a rather low cut-off frequency for best ANC filter
design. If a different capacitor value is desired in the application, the following formula defines the
transfer function of the high pass circuit of the microphone preamplifier:
Equation 2:
|����| =
√4 ∗ ������������
2 ∗ ����2 ∗ (����
1 + ����2)
2 ∗ ����2 + 1
√4 ∗ ������������
2 ∗ ����2 ∗ ����
1
2 ∗ ����2 + 1
The simplified transfer function does not include the high pass filter defined by CMIC and RMICIN.
With the recommended values of 2.2µF for CMIC and 22kΩ for RMICIN this filter can be neglected
because of the very low cut-off frequency of 1.5Hz. The cut-off frequency for this filter can be
calculated with the following formula:
Equation 3:
����������������−������������ =
1
2 ∗ ���� ∗ ������������������������ ∗ ����������������
The simulated frequency response for the microphone preamplifier with the recommended component
values is shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com