Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 65 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 65 Page - ams AG

Back Button AS3418 Datasheet HTML 61Page - ams AG AS3418 Datasheet HTML 62Page - ams AG AS3418 Datasheet HTML 63Page - ams AG AS3418 Datasheet HTML 64Page - ams AG AS3418 Datasheet HTML 65Page - ams AG AS3418 Datasheet HTML 66Page - ams AG AS3418 Datasheet HTML 67Page - ams AG AS3418 Datasheet HTML 68Page - ams AG AS3418 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 65
Addr: 0x15
AGC_CONTROL0
Bit
Bit Name
Default
Access
Bit Description
1
NEG_ATTEN_
EN
0
R/W
This bit enables negative the negative gain option for
the microphone preamplifier in case of a microphone
overload condition. The gain can go down to -40dB.
In case the AGC_MUTE_EN bit is not. If the
AGC_MUTE_EN bit is set the preamplifier goes to -
40dB and eventually mutes the output.
0: Negative attenuation disabled
1: Negative attenuation enabled
0
AGC_EN
0
R/W
This bit enables/disabled the automatic gain control
function of AS3418. This setting is valid for ANC,
Monitor and PBO operation mode.
0: AGC disabled
1: AGC enabled
Figure 89:
AGC_ATTACK_RELEASE_TIME Register Description
Addr: 0x16
AGC_ATTACK_RELEASE_TIME
Bit
Bit Name
Default
Access
Bit Description
7:4
AGC_RELEAS
E_TIME
0001
R/W
This register controls the AGC release time.
0000: 0ms
0001: 0.5ms
0010: 1ms
0011: 2ms
0100: 4ms
0101: 8ms
0110: 10ms
0111: 12ms
1000: 16ms
1001: 20ms
1010: 24ms
1011: 28ms
1100: 32ms
1101: 64ms
1110: 128ms
1111: 256ms
3:0
AGC_ATTACK
_TIME
0000
R/W
This register controls the AGC attack time.
0000: 0.5µs
0001: 1µs
0010: 2µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com