Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 33 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 33 Page - ams AG

Back Button AS3418 Datasheet HTML 29Page - ams AG AS3418 Datasheet HTML 30Page - ams AG AS3418 Datasheet HTML 31Page - ams AG AS3418 Datasheet HTML 32Page - ams AG AS3418 Datasheet HTML 33Page - ams AG AS3418 Datasheet HTML 34Page - ams AG AS3418 Datasheet HTML 35Page - ams AG AS3418 Datasheet HTML 36Page - ams AG AS3418 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 33
Figure 40:
I
2C Start-Up Sequence
6.8
Operation Modes
If the AS3418 is in stand-alone mode (no I2C control), the device can work in different operation
modes. An overview of the different operation modes is shown in Figure 41.
Figure 41:
Operation Modes
MODE
Description
OFF
Chip is turned off.
ANC
Chip is turned on and active noise cancellation is enabled.
MODE/CSCL
VOL/CSDA
VBAT
BIAS & OSC ON
VNEG OK
Enable OPAMPs and MIC Amplifiers
MICS LDO Chargepump OK
0
typ. 55
Time Axis
t
[ms]
min. 1.4V
min. 70% VBAT
PWRUP_HOLD = 1
Enable MICS charge pump (MSUP)
11
Enable Right Music Bypass
~10ms
START EEPROM DOWNLOAD
EEPROM READY
~1ms
I2C_TIMEOUT = 8ms
MICS LDO OK
~5ms
Enable Left Music Bypass
Enable Line Zero Cross Comparator
~40µs masking
31ms timeout
Right Zero Cross Detect
Left Zero Cross Detect
Enable Headphone Right
Enable Headphone Left
Configure HPH_MUX
not connected b‘11‘
ANC_HPH_MUX<1:0>
PWRUP COMPLETE
Fade in MIC Gain
MUTE
FADE IN MIC GAIN
ANC_MICx_GAIN<6:0>
START_RAMP_TIME
Operating State
ANC Operation
OFF
I2C_MODE
PWR_HOLD
PWRUP_HOLD = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com